Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP04FS Datasheet(PDF) 8 Page - Analog Devices

Part # TMP04FS
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP04FS Datasheet(HTML) 8 Page - Analog Devices

Back Button TMP04FS Datasheet HTML 4Page - Analog Devices TMP04FS Datasheet HTML 5Page - Analog Devices TMP04FS Datasheet HTML 6Page - Analog Devices TMP04FS Datasheet HTML 7Page - Analog Devices TMP04FS Datasheet HTML 8Page - Analog Devices TMP04FS Datasheet HTML 9Page - Analog Devices TMP04FS Datasheet HTML 10Page - Analog Devices TMP04FS Datasheet HTML 11Page - Analog Devices TMP04FS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TMP03/TMP04
REV. 0
–8–
TEMPERATURE –
°C
5
–5
–50
125
–25
0
255075
100
4
–1
–2
–3
–4
2
0
3
1
MAXIMUM LIMIT
MINIMUM LIMIT
TMP04
TMP03
V+ = +5V
RLOAD = 10kΩ
MEASUREMENTS IN
STIRRED OIL BATH
Figure 15. Output Accuracy vs. Temperature
TIME – ms
0
100
10
20
30
40
50
60
70
80
90
OUTPUT
STARTS
LOW
OUTPUT
STARTS
HIGH
V+
0, T2
0, T1
T1
T2
T1
T2
V+ = +5V
RLOAD = 10kΩ
TYPICAL VALUES
TEMP
°C
T2
ms
T1
ms
–55
15
10
+25
20
10
+125
35
10
Figure 16. Start-Up Response
TEMPERATURE –
°C
1100
750
–75
175
–25
25
75
125
1050
1000
950
900
850
800
V+ = +5V
NO LOAD
TMP04
TMP03
Figure 17. Supply Current vs. Temperature
TEMPERATURE –
°C
5
4
3
–75
175
–25
25
75
125
4.5
3.5
RLOAD = 10kΩ
START-UP VOLTAGE DEFINED AS OUTPUT READING
BEING WITHIN
±5°C OF OUTPUT AT +4.5V SUPPLY
Figure 18. Start-Up Voltage vs. Temperature
SUPPLY VOLTAGE – Volts
1600
0
08
1
23
45
67
1400
800
600
400
200
1200
1000
TA = +25°C
NO LOAD
Figure 19. Supply Current vs. Supply Voltage
TEMPERATURE –
°C
4
2
0
–75
175
–25
25
75
125
3.5
3
1
0.5
2.5
1.5
V+ = 4.5 - 7V
RLOAD = 10kΩ
Figure 20. Power Supply Rejection vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com