Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP04FS Datasheet(PDF) 16 Page - Analog Devices

Part # TMP04FS
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP04FS Datasheet(HTML) 16 Page - Analog Devices

Back Button TMP04FS Datasheet HTML 8Page - Analog Devices TMP04FS Datasheet HTML 9Page - Analog Devices TMP04FS Datasheet HTML 10Page - Analog Devices TMP04FS Datasheet HTML 11Page - Analog Devices TMP04FS Datasheet HTML 12Page - Analog Devices TMP04FS Datasheet HTML 13Page - Analog Devices TMP04FS Datasheet HTML 14Page - Analog Devices TMP04FS Datasheet HTML 15Page - Analog Devices TMP04FS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
TMP03/TMP04
REV. 0
–16–
Thermal Response Time
The time required for a temperature sensor to settle to a
specified accuracy is a function of the thermal mass of, and the
thermal conductivity between, the sensor and the object being
sensed. Thermal mass is often considered equivalent to
capacitance. Thermal conductivity is commonly specified using
the symbol
Θ, and can be thought of as thermal resistance. It is
commonly specified in units of degrees per watt of power
transferred across the thermal joint. Thus, the time required for
the TMP03/TMP04 to settle to the desired accuracy is
dependent on the package selected, the thermal contact
established in that particular application, and the equivalent
power of the heat source. In most applications, the settling time
is probably best determined empirically. The TMP03/TMP04
output operates at a nominal frequency of 35 Hz at +25
°C, so
the minimum settling time resolution is 27 ms.
interface schematic). The TMP04 pulse output provides a
significant advantage in this application because it produces a
linear temperature output while needing only one I/O pin and
without requiring an A/D converter.
FAST MICROPROCESSOR, DSP, ETC.,
IN PGA PACKAGE
PGA SOCKET
PC BOARD
TMP04 IN SURFACE
MOUNT PACKAGE
Figure 37. Monitoring the Temperature of a High Power
Microprocessor Improves System Reliability
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
3-Pin TO-92
0.105 (2.66)
0.080 (2.42)
0.105 (2.66)
0.080 (2.42)
0.165 (4.19)
0.125 (3.94)
SQUARE
0.019 (0.482)
0.016 (0.407)
0.105 (2.66)
0.095 (2.42)
0.055 (1.39)
0.045 (1.15)
SEATING
PLANE
0.500
(12.70)
MIN
0.205 (5.20)
0.175 (4.96)
0.210 (5.33)
0.170 (4.38)
12
3
BOTTOM VIEW
0.135
(3.43)
MIN
0.050
(1.27)
MAX
8-Pin SOIC (SO-8)
0.1968 (5.00)
0.1890 (4.80)
8
5
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
8-Pin TSSOP (RU-8)
8
5
4
1
0.122 (3.10)
0.114 (2.90)
PIN 1
0.0256 (0.65)
BSC
SEATING
PLANE
0.006 (0.15)
0.002 (0.05)
0.0118 (0.30)
0.0075 (0.19)
0.0433
(1.10)
MAX
0.0079 (0.20)
0.0035 (0.090)
0.028 (0.70)
0.020 (0.50)
8
°
0
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com