Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP04FS Datasheet(PDF) 9 Page - Analog Devices

Part # TMP04FS
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP04FS Datasheet(HTML) 9 Page - Analog Devices

Back Button TMP04FS Datasheet HTML 5Page - Analog Devices TMP04FS Datasheet HTML 6Page - Analog Devices TMP04FS Datasheet HTML 7Page - Analog Devices TMP04FS Datasheet HTML 8Page - Analog Devices TMP04FS Datasheet HTML 9Page - Analog Devices TMP04FS Datasheet HTML 10Page - Analog Devices TMP04FS Datasheet HTML 11Page - Analog Devices TMP04FS Datasheet HTML 12Page - Analog Devices TMP04FS Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
TMP03/TMP04
REV. 0
–9–
–1
1
0.5
FREQUENCY – Hz
10M
100
10k
1
10
1k
100k
1M
0
–0.5
V+ = +5V dc
± 50mV ac
RLOAD = 10kΩ
NOMINAL PSRR
Figure 21. Power Supply Rejection vs. Frequency
TEMPERATURE – *C
400
200
0
–75
175
–25
25
75
125
350
300
100
50
250
150
V+ = +5V
ILOAD = 5mA
ILOAD = 1mA
ILOAD = 0.5mA
Figure 22. TMP03 Open-Collector Output Voltage
vs. Temperature
AIR VELOCITY – FPM
140
0
0
700
100
200
300
400
500
600
120
80
60
40
20
100
TRANSITION FROM +100
°C OIL BATH
TO FORCED +25
°C AIR
V+ = +5V
RLOAD = 10kΩ
SOIC – NO SOCKET
TO-92 – NO SOCKET
TO-92 – WITH SOCKET
Figure 23. Thermal Time Constant in Forced Air
TEMPERATURE –
°C
–75
150
–25
25
75
125
20
18
2
10
8
6
4
14
12
16
VOL = +1V
V+ = +5V
Figure 24. TMP03 Open-Collector Sink Current
vs. Temperature
TIME – sec
25
0
300
25
50
75
100 125 150 175 200
275
105
VS = +5V
RLOAD = 10kΩ
TRANSITION FROM +100
°C STIRRED
OIL BATH TO STILL +25
°C AIR
τ ~ 23 sec (SOIC, NO SOCKET)
τ ~ 40 sec (TO-92, NO SOCKET)
SOIC
TO-92
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
250
225
Figure 25. Thermal Response Time in Still Air
TIME – sec
25
060
10
20
30
40
50
100
V+ = +5V
RLOAD = 10kΩ
τ ≅ 1.25 sec (SOIC IN SOCKET)
τ ≅ 2 sec (TO-92 IN SOCKET)
SOIC
TO-92
TRANSITION FROM STILL +25
°C AIR
TO STIRRED +100
°C OIL BATH
Figure 26. Thermal Response Time in Stirred Oil Bath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com