Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP04FS Datasheet(PDF) 14 Page - Analog Devices

Part # TMP04FS
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP04FS Datasheet(HTML) 14 Page - Analog Devices

Back Button TMP04FS Datasheet HTML 8Page - Analog Devices TMP04FS Datasheet HTML 9Page - Analog Devices TMP04FS Datasheet HTML 10Page - Analog Devices TMP04FS Datasheet HTML 11Page - Analog Devices TMP04FS Datasheet HTML 12Page - Analog Devices TMP04FS Datasheet HTML 13Page - Analog Devices TMP04FS Datasheet HTML 14Page - Analog Devices TMP04FS Datasheet HTML 15Page - Analog Devices TMP04FS Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
TMP03/TMP04
REV. 0
–14–
Listing 2. Software Routine for the TMP04-to-ADSP-210x Interface
;
{ ADSP-21XX Temperature Measurement Routine
TEMPERAT.DSP
Altered Registers:
ax0, ay0, af, ar,
si, sr0,
my0, mr0, mr1, mr2.
Return value:
ar —> temperature result in 14.2 format
Computation time:
2 * TMP04 output period
}
.MODULE/RAM/BOOT=0
TEMPERAT;
{ Beginning TEMPERAT Program }
.ENTRY TEMPMEAS;
{ Entry point of this subroutine }
.CONST PRESCALER=4;
.CONST TIMFULSCALE=0Xffff;
TEMPMEAS:
si=PRESCALER;
{ For timer prescaler }
sr0=TIMFULSCALE;
{ Timer counter full scale }
dm(0x3FFB)=si;
{ Timer Prescaler set up to 5 }
si=TIMFULSCALE;
{ CLKin=10MHz,Timer Period=32.768ms }
dm(0x3FFC)=si;
{ Timer Counter Register to 65535 }
dm(0x3FFD)=si;
{ Timer Period Register to 65535 }
imask=0x01;
{ Unmask Interrupt timer }
TEST1:
if not fi jump TEST1;
{ Check for FI=1 }
TEST0:
if fi jump TEST0;
{ Check for FI=0 to locate transition }
ena timer;
{ Enable timer, count at a 500ns rate }
COUNT2:
if not fi jump COUNT2;
{ Check for FI=1 to stop count }
dis timer;
ay0=dm(0x3FFC);
{ Save counter=T2 in ALU register }
ar=sr0-ay0;
ax0=ar;
dm(0x3FFC)=si;
{ Reload counter at full scale }
ena timer;
COUNT1:
if fi jump COUNT1;
{ Check for FI=0 to stop count }
dis timer;
ay0=dm(0x3FFC);
{ Save counter=T1 in ALU register }
ar=sr0-ay0;
my0=400;
mr=ar*my0(uu);
{ mr=400*T1 }
ay0=mr0;
{ af=MSW of dividend, ay0=LSW }
ar=mr1; af=pass ar;
{ ax0=16-bit divisor }
COMPUTE:
astat=0;
{ To clear AQ flag }
divq ax0; divq ax0;
{ Division 400*T1/T2 }
divq ax0; divq ax0;
{ with 0.3 < T1/T2 < 0.7 }
divq ax0; divq ax0;
divq ax0; divq ax0;
divq ax0; divq ax0;
divq ax0; divq ax0;
divq ax0; divq ax0;
divq ax0; divq ax0;
divq ax0; divq ax0;
{ Result in ay0 }
ax0=0x03AC;
{ ax0=235*4 }
ar=ax0-ay0;
{ ar=235-400*T1/T2, result in øC }
rts;
{ format 14.2 }
.ENDMOD;
{ End of the subprogram }



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com