Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP04FS Datasheet(PDF) 3 Page - Analog Devices

Part # TMP04FS
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP04FS Datasheet(HTML) 3 Page - Analog Devices

  TMP04FS Datasheet HTML 1Page - Analog Devices TMP04FS Datasheet HTML 2Page - Analog Devices TMP04FS Datasheet HTML 3Page - Analog Devices TMP04FS Datasheet HTML 4Page - Analog Devices TMP04FS Datasheet HTML 5Page - Analog Devices TMP04FS Datasheet HTML 6Page - Analog Devices TMP04FS Datasheet HTML 7Page - Analog Devices TMP04FS Datasheet HTML 8Page - Analog Devices TMP04FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TMP03/TMP04
REV. 0
–3–
WAFER TEST LIMITS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
ACCURACY
Temperature Error
TA = +25°C
1
3.0
°C
Power Supply Rejection Ratio
PSRR
Over Rated Supply
1.2
°C/V
OUTPUTS
Output High Voltage, TMP04
VOH
IOH = 800
µA
V+ – 0.4
V
Output Low Voltage, TMP04
VOL
IOL = 800
µA
0.4
V
Output Low Voltage, TMP03
VOL
ISINK = 1.6 mA
0.2
V
POWER SUPPLY
Supply Range
V+
4.5
7
V
Supply Current
ISY
Unloaded
1.3
mA
NOTES
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
1Maximum deviation from ratiometric output transfer function over specified temperature range.
(V+ = +5 V, GND = 0 V, TA = +25 C, unless otherwise noted)
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the TMP03/TMP04 features proprietary ESD protection circuitry, permanent damage
may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . +9 V
Maximum Output Current (TMP03 DOUT) . . . . . . . . . 50 mA
Maximum Output Current (TMP04 DOUT) . . . . . . . . . 10 mA
Maximum Open-Collector Output Voltage (TMP03) . . +18 V
Operating Temperature Range . . . . . . . . . . . –55
°C to +150°C
Dice Junction Temperature . . . . . . . . . . . . . . . . . . . . +175
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +160°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
*CAUTION
1Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation at or above this specification is not implied. Exposure to the above
maximum rating conditions for extended periods may affect device reliability.
2Digital inputs and outputs are protected, however, permanent damage may occur
on unprotected units from high-energy electrostatic fields. Keep units in conduc-
tive foam or packaging at all times until ready to use. Use proper antistatic handling
procedures.
3Remove power before inserting or removing units from their sockets.
Package Type
Θ
JA
Θ
JC
Units
TO-92 (T9)
162
1
120
°C/W
SO-8 (S)
158
1
43
°C/W
TSSOP (RU)
240
1
43
°C/W
NOTE
1
Θ
JA is specified for device in socket (worst case conditions).
DICE CHARACTERISTICS
Die Size 0.050
× 0.060 inch, 3,000 sq. mils
( 1.27
× 1.52 mm, 1.93 sq. mm)
For additional DICE ordering information, refer to databook.
ORDERING GUIDE
Accuracy
Temperature
Model
at +25 C
Range
Package
TMP03FT9
±3.0
XIND
TO-92
TMP03FS
±3.0
XIND
SO-8
TMP03FRU
±3.0
XIND
TSSOP-8
TMP03GBC
±3.0
+25
°C
Die
TMP04FT9
±3.0
XIND
TO-92
TMP04FS
±3.0
XIND
SO-8
TMP04FRU
±3.0
XIND
TSSOP-8
TMP04GBC
±3.0
+25
°C
Die



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com