Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP04FS Datasheet(PDF) 1 Page - Analog Devices

Part # TMP04FS
Description  Serial Digital Output Thermometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP04FS Datasheet(HTML) 1 Page - Analog Devices

  TMP04FS Datasheet HTML 1Page - Analog Devices TMP04FS Datasheet HTML 2Page - Analog Devices TMP04FS Datasheet HTML 3Page - Analog Devices TMP04FS Datasheet HTML 4Page - Analog Devices TMP04FS Datasheet HTML 5Page - Analog Devices TMP04FS Datasheet HTML 6Page - Analog Devices TMP04FS Datasheet HTML 7Page - Analog Devices TMP04FS Datasheet HTML 8Page - Analog Devices TMP04FS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
DOUT
V+
GND
12
3
VPTAT
VREF
DIGITAL
MODULATOR
TEMPERATURE
SENSOR
TMP03/04
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Serial Digital Output Thermometers
© Analog Devices, Inc., 1995
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Low Cost 3-Pin Package
Modulated Serial Digital Output
Proportional to Temperature
±1.5 C Accuracy (typ) from –25 C to +100 C
Specified –40 C to +100 C, Operation to 150 C
Power Consumption 6.5 mW Max at 5 V
Flexible Open-Collector Output on TMP03
CMOS/TTL Compatible Output on TMP04
Low Voltage Operation (4.5 V to 7 V)
APPLICATIONS
Isolated Sensors
Environmental Control Systems
Computer Thermal Monitoring
Thermal Protection
Industrial Process Control
Power System Monitors
TMP03/TMP04*
PACKAGE TYPES AVAILABLE
TO-92
DOUT
V+
GND
1
2
3
TMP03/04
BOTTOM VIEW
(Not to Scale)
SO-8 and RU-8 (TSSOP)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
TMP03/04
DOUT
NC
NC
NC
NC
V+
GND
NC
GENERAL DESCRIPTION
The TMP03/TMP04 is a monolithic temperature detector that
generates a modulated serial digital output that varies in direct
proportion to the temperature of the device. An onboard sensor
generates a voltage precisely proportional to absolute temperature
which is compared to an internal voltage reference and input to a
precision digital modulator. The ratiometric encoding format of
the serial digital output is independent of the clock drift errors
common to most serial modulation techniques such as voltage-
to-frequency converters. Overall accuracy is
±1.5°C (typical)
from –25
°C to +100°C, with excellent transducer linearity. The
digital output of the TMP04 is CMOS/TTL compatible, and is
easily interfaced to the serial inputs of most popular micro-
processors. The open-collector output of the TMP03 is capable
of sinking 5 mA. The TMP03 is best suited for systems requiring
isolated circuits utilizing optocouplers or isolation transformers.
The TMP03 and TMP04 are specified for operation at supply
voltages from 4.5 V to 7 V. Operating from +5 V, supply current
(unloaded) is less than 1.3 mA.
The TMP03/TMP04 are rated for operation over the –40
°C to
+100
°C temperature range in the low cost TO-92, SO-8, and
TSSOP-8 surface mount packages. Operation extends to
+150
°C with reduced accuracy.
(continued on page 4)
*Patent pending.


Similar Part No. - TMP04FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP04FS AD-TMP04FS Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP04FS AD-TMP04FS Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
More results

Similar Description - TMP04FS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FSZ AD-TMP03FSZ Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03 AD-TMP03_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
logo
List of Unclassifed Man...
625 ETC2-625 Datasheet
87Kb / 1P
COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
715 ETC2-715 Datasheet
100Kb / 1P
DUAL INPUT DIGITAL THERMOMETERS
logo
Analog Devices
AD9644 AD-AD9644_17 Datasheet
1Mb / 45P
Serial Output Analog-to-Digital Converter
23-Feb-2017
TMP03 AD-TMP03_16 Datasheet
315Kb / 17P
Serial Digital Output Thermometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com