Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5012 Datasheet(PDF) 21 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 21 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 20Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 21Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 22Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 23Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 24Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 25Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
P21/29
Rev. M, May 2010
ML5012
5-2. Starting A/D conversion
A/D conversion starts according to the bit setting of the A/D configuration register. All settings specified
by the contents of the A/D configuration register which shall set at the same time when A/D conversion
starts. Execute PGA_AC command and delivers the desired value into A/D configuration register. Please
refer to section 1-2. for the execution of PGA_AC command.
Setting to start A/D conversion
Setting of A/D configuration register
Operation
EN, S/S = 1
Start of A/D conversion
MD = 0
Set operation mode to A/D conversion
When setting A/D configuration register for A/D conversion start, the bits of A/D configuration
register other than bits shown in the table above can be any value. These bits will not affect A/D
conversion. In contrast, do not modify contents of the A/D configuration register, the AD Output
range and PGA gain value while the A/D converter is running.
5-3. Indication of end of A/D conversion
At the end of A/D conversion the bit S/S and bit EN are cleared. Monitoring one of these bits detects the
end of A/D conversion. There is an external pin (PADEOC) to indicate the end of conversion. When the
conversion is completed, an “H” pulse signal will be outputted to this pin.
5-4. Storing digitized data
The digital equivalent of analog input voltage (A/Ded data) consisting of 12 bits is stored into A/D
register : A/D[11:0].
A/Ded data stored in A/D register : A/D[11:0]
Input voltage and A/Ded data at AD_Range = 0 (ie. A/D data = 0 ~ 4,095)
Input voltage = A/D[11:0] / 4,096 *VR (V) / PGA gain
Note: A/Ded data (unsigned 12 bits) = Converts into decimal value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com