Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5012 Datasheet(PDF) 1 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 1 Page - Minilogic Device Corporation Limited

  ML5012 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
P1/29
Rev. M, May 2010
ML5012
ML5012 – 12 Bit SAR A/D Converter
◆
◆
◆
◆ Features
4-pins Serial control interface CS, DIN, DOUT, SCK
Operates with 3.3V or analog adjusted voltage
reference
Differential Input Programmable Gain Amplifier
(PGA) : 0 ~40.25dB
Channel selectable
Differential & Single End input mode
0V to VDD input range with single 2.2V to 5.0V
power supply
4 MOSFET switch for external loads on/off
MCU programmalbe AD clock frequency from 1M to
7.8Khz and AD startup time.
Successive AD conversion mode
◆
◆
◆
◆ Applications
General Metering Application
◆
◆
◆
◆ General Description
The ML5012 is CMOS 12-bit SAR A/D converter, Differential Input Programmable Gain Amplifier and four MOSFET
ON/OFF switches. A 4-pin serial control interface is easy to communicate with MCU.
◆
◆
◆
◆ Key Specification
Resolution
12 Bits
Total Unadjusted Error
+/- 6 LSB
Single Voltage Supply
2.2V ~ 5.0V
A/D Conversion Time
15 ADCLK
Comparison Time
15 ADCLK
MOSFET Current
5mA
◆
◆
◆
◆Ordering Information
Item
Package
Shipping
ML5012
Dice Form
◆
◆
◆
◆ Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Supply Voltage
VDD
-0.3 ~ 5.5
V
Input Voltage at any pin
VIN
-0.3 ~ VDD + 0.3
V
Output Voltage
VIO
VSS-0.3 ~ VIN+0.3
V
Operation Ambient Temperature
Topr
-20 ~ +70
˚C
Storage Temperature
Tstg
-40 ~ +90
˚C


Similar Part No. - ML5012

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
ML501 WJCI-ML501 Datasheet
310Kb / 4P
1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
ML501-G WJCI-ML501-G Datasheet
310Kb / 4P
1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
ML501-PCB WJCI-ML501-PCB Datasheet
310Kb / 4P
1.9-2.7 GHz High IP3 Mixer with Integrated LO Amp
logo
Mitsubishi Electric Sem...
ML501P73 MITSUBISHI-ML501P73 Datasheet
166Kb / 5P
ML5xx73 LD SERIES
More results

Similar Description - ML5012

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3201 MICROCHIP-MCP3201 Datasheet
377Kb / 20P
2.7V 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202 Datasheet
386Kb / 20P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
1999
MCP3202 MICROCHIP-MCP3202_06 Datasheet
523Kb / 28P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2006
MCP3201 MICROCHIP-MCP3201_07 Datasheet
489Kb / 28P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2007
MCP3202 MICROCHIP-MCP3202_08 Datasheet
606Kb / 32P
2.7V Dual Channel 12-Bit A/D Converter with SPI Serial Interface
2008
MCP3201 MICROCHIP-MCP3201_08 Datasheet
713Kb / 36P
2.7V 12-Bit A/D Converter with SPI Serial Interface
2008
logo
Asahi Kasei Microsystem...
AK9231 AKM-AK9231 Datasheet
341Kb / 11P
Dual 12-Bit 1MSPS SAR A/D Converter
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
10-Bit A/D Converter With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
10-Bit A/D Converter with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com