Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5012 Datasheet(PDF) 3 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 3 Page - Minilogic Device Corporation Limited

  ML5012 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
P3/29
Rev. M, May 2010
ML5012
◆
◆
◆
◆ Bonding Diagram
◆
◆
◆
◆ Pin Function
Pin
(x,y)
Description
Pin
(x,y)
Description
1
CHA1
(85,1110)
Analog input channel
14
DOUT
(1660,290)
Data output
2
CHA2
(85,980)
Analog input channel
15
OUT4
(1660,465)
MOSFET Switch
3
CHA3
(85,855)
Analog input channel
16
OUT3
(1660,620)
MOSFET Switch
4
CHA4
(85,725)
Analog input channel
17
OUT2
(1660,780)
MOSFET Switch
5
CHB1
(85,600)
Analog input channel
18
OUT1
(1660,935)
MOSFET Switch
6
CHB2
(85,470)
Analog input channel
19
AGND
(1660,1090)
Analog GND
7
CHB3
(85,345)
Analog input channel
20
AGND
(1660,1200)
Analog GND
8
CHB4
(85,215)
Analog input channel
21
VR
(1415,1270)
Reference voltage
9
CE
(85,85)
Chip Enable
22
VR
(1300,1270)
Reference voltage
10
CS
(1095,85)
Chip Select
23
VDD
(1115,1270)
Positive supply voltage
11
DIN
(1225,85)
Data input for serial
interface
24
VDD
(1000,1270)
Positive supply voltage
12
SCK
(1355,85)
Clock for serial
interface
25
VSS
(855,1270)
Negative supply
voltage
13
PADEOC
(1660,115)
End of conversion
26
VSS
(740,1270)
Negative supply
voltage
Note: Dice Size : 1.72 x 1.34mm
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com