Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5012 Datasheet(PDF) 5 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 5 Page - Minilogic Device Corporation Limited

  ML5012 Datasheet HTML 1Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 2Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 3Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 4Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 5Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 6Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 7Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 8Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 9Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
P5/29
Rev. M, May 2010
ML5012
3. A/D Converter and Comparator Timing Specification
VDD = 3.0V, VR = 3.0V DC, Ta = 25 oC unless otherwise specified
Ta=25°°°°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
A/D Conversion Time
Tadc
Fosc = 100KHz
150
us
Comparator Conversion
Time
Tcomp
Fosc = 100KHz
150
us
4. A/D Conversion Specification
VDD = 3.0V, VR = 3.0V DC, Ta = 25 oC unless otherwise specified
Ta=25°°°°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Resolution
Res
PGA Gain = 0dB
10
bit
A/D Error
Err
PGA Gain = 0dB, Fosc = 2MHz,
VDD = VR = 3.3V
+/- 4
+/- 6
LSB
5. MOSFET Switch Specification
VDD = 3.0V, VR = 3.0V DC, Ta = 25 oC unless otherwise specified
Ta=25°°°°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
High Output Voltage
Voh
VR = 3.0V, Ioh = -5mA
2.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com