Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5012 Datasheet(PDF) 16 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 16 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 17Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 18Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 19Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 20Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
P16/29
Rev. M, May 2010
ML5012
1-7
RR_AD Command. Read data from A/D Register.
The following diagram shows the timing diagram of read data from A/D Register.
The DIN data in C1~C4 cycle is RR_AD command code.
The DOUT data in C5~C16 cycles are output data from A/D Register, D[11:0] = A/D[11:0].
1-8
RR_SYS Command. Read data from SYS Register.
The following diagram shows the timing diagram of read data from A/D Register.
The DIN data in C1~C4 cycle is RR_SYS command code.
The DOUT data in C5~C7 cycles are output data of ADC Clock, D[11:9] = AD_Clock[2:0].
The DOUT data in C8~C9 cycles are output data of Start time, D[8:7] = STA_OPT[1:0].
The DOUT data in C10~C13 are reserved.
The DOUT data in C14 is Successive AD mode enable, D[2] = SMODE.
The DOUT data in C15 is Reference AGND connection enable, D[1] = VGND_EN.
The DOUT data in C16 is Reference (VR-AGND)/2 connection enable, D[0] = VMID_EN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com