Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML5012 Datasheet(PDF) 13 Page - Minilogic Device Corporation Limited

Part # ML5012
Description  12 Bit SAR A/D Converter 4-pins Serial control interface CS, DIN, DOUT, SCK
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINILOGIC [Minilogic Device Corporation Limited]
Direct Link  http://www.minilogic.com.hk
Logo MINILOGIC - Minilogic Device Corporation Limited

ML5012 Datasheet(HTML) 13 Page - Minilogic Device Corporation Limited

Back Button ML5012 Datasheet HTML 9Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 10Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 11Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 12Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 13Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 14Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 15Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 16Page - Minilogic Device Corporation Limited ML5012 Datasheet HTML 17Page - Minilogic Device Corporation Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
P13/29
Rev. M, May 2010
ML5012
1-4.
WR_SYS Command. Set AD conversion clock frequency, AD startup time, Successive AD conversion mode,
PGA Reference voltage to AGND or (VR-AGND)/2
The following diagram shows the timing diagram of writing data to control the AD conversion frequency.
The DIN data in C1~C4 cycle is WR_SYS command code.
The DIN data in C5~C7 cycles are output data of ADC Clock, D[11:9] = AD_Clock[2:0].
The DIN data in C8~C9 cycles are output data of Start time, D[8:7] = STA_OPT[1:0].
The DIN data in C10~C13 are reserved.
The DIN data in C14 is Successive AD mode enable, D[2] = SMODE.
The DIN data in C15 is Reference AGND connection enable, D[1] = VGND_EN.
The DIN data in C16 is Reference (VR-AGND)/2 connection enable, D[0] = VMID_EN.
Control
Function
D11
D10
D9
D8
D7
D2
D1
D0
Operations
0
0
0
AD Clock Frequency = 1MHz
0
0
1
AD Clock Frequency = 500kHz (default)
0
1
0
AD Clock Frequency = 250kHz
0
1
1
AD Clock Frequency = 125kHz
1
0
0
AD Clock Frequency = 62.5kHz
1
0
1
AD Clock Frequency = 31.25kHz
1
1
0
AD Clock Frequency = 15.625kHz
Set AD Clock Frequency
(AD_Clock[2:0])
1
1
1
AD Clock Frequency = 7.8125kHz
0
0
Startup Time = 1000us (default)
0
1
Startup Time = 800us
1
0
Startup Time = 600us
Set AD Converter Startup Time
(STA_OPT[1:0])
1
1
Startup Time = 400us
0
Successive AD conversion mode disable
Set Successive AD Conversion
Mode (SMODE)
1
Successive AD conversion mode enable
0
PGA Reference connect to AGND
Enable PGA reference connect to
VMIN (VMIN_EN)
1
PGA Reference connect to VMIN
-
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com