Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902 Datasheet(PDF) 1 Page - Linear Technology

Part # LTP5902
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Datasheet(HTML) 1 Page - Linear Technology

  LTP5902 Datasheet HTML 1Page - Linear Technology LTP5902 Datasheet HTML 2Page - Linear Technology LTP5902 Datasheet HTML 3Page - Linear Technology LTP5902 Datasheet HTML 4Page - Linear Technology LTP5902 Datasheet HTML 5Page - Linear Technology LTP5902 Datasheet HTML 6Page - Linear Technology LTP5902 Datasheet HTML 7Page - Linear Technology LTP5902 Datasheet HTML 8Page - Linear Technology LTP5902 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
A d v a nce d I n fo rm a t i o n
Linear Technology / Dust Networks
Smar t Mesh® IP
LTP5901/LTP5902-IPM
2.4 GHz 802.15.4 Eterna
TM Mote Modules
About SmartMesh IP
Dust Networks’ new standards-based SmartMesh
® IP product line achieves unsurpassed levels of networking resilience and reliability, with
advanced network management and comprehensive security. Based on Dust’s breakthrough Eterna™ SoC technology, SmartMesh IP
enables up to 8 times lower power consumption than competing solutions even in harsh, dynamically changing RF environments. Cost
effective, Internet Protocol (IP) compatible, and widely applicable, SmartMesh IP serves an extensive range of applications, such as energy
management, building automation, renewable energy, and other implementations in smart infrastructure that call for ultra low power.
Product Descriptions – LTP5901/LTP5902-IPM
SmartMesh IP networks are built from wireless network nodes called motes. The motes include advanced hardware and advanced software
algorithms that provide resilient, reliable, and low-power true-mesh networks. Dust motes deliver unprecedented low power consumption
with a receive current of less than 5 mA and a transmit current of less than 10 mA at +8dBm (< 6 mA at 0 dBm). With Dust’s time-
synchronized SmartMesh IP networking, all motes in the network may route and may be battery-powered, powered by an energy-harvester,
or line powered. SmartMesh IP’s time-synchronized mesh networking combines with Dust Network’s innovative IEEE 802.15.4-compliant
radio design to enable battery life of up to a decade for all motes, including routing motes, on two AA batteries.
The LTP5901/LTP5902-IPM Mote modules combine Dust Networks’ robust sensor networking solution with Dust’s breakthrough
Eterna
TM SoC Technology in an easy-to-integrate surface-mount printed circuit board (PCB). The LTP5901-IPM module includes an on-
board chip antenna, while the LTP5902-IPM module includes an MMCX antenna connector. Both PCB modules will come with modular
certifications for FCC, CE, and IC. Dust Networks provides a fully engineered RF solution, comprehensive APIs, and complete
development documentation thereby accelerating customer development and reducing customer development costs.
Key Product Features
Highly Scalable
•
Automatic network formation—new motes join
automatically from anywhere in the network
•
All motes are wireless routers, providing a full-mesh
network that easily scales to tens of thousands of motes per
square kilometer
•
Time-synchronized communication across 15 channels
virtually eliminates in-network collisions, allowing for
dense deployments in overlapping radio space
Superior Reliability
•
Intelligent Networking Platform enables greater than
99.99% network reliability even in the most challenging
monitoring and control environments
•
Time-synchronized channel hopping seamlessly
compensates for in band blocking and multipath fading in
dynamic RF environments
IP Standards Compliance
•
Compliant to IETF 6LoWPAN and IEEE 802.15.4e
standards
Ultra-low Power Operation
•
Industry-leading radio technology capable of line-powered,
battery-powered, or energy-scavenging operation
•
Automatic power optimization of every device in network,
enabling a decade of network operation on two Lithium AA
batteries
Easy to Integrate and Deploy
•
Fully engineered RF transceiver, with power amplifier (PA),
integrated balun, and antenna matching circuitry
•
Options for chip antenna or MMCX antenna connector
•
A comprehensive application programming interface (API)
provides a rich and flexible functionality to ease software
development and device integration
Secure Global Market Solution
•
Operates on 2.4 GHz global license-free band, providing
customers with a single product for world-wide use
•
RF modular certifications (pending)-FCC, IC, and CE
•
AES-128 bit encryption


Similar Part No. - LTP5902

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTP5902 LINER-LTP5902 Datasheet
889Kb / 29P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager
LTP5902 LINER-LTP5902 Datasheet
832Kb / 29P
2.4 GHz 802.15.4 EternaTM Mote Module
LTP5902-IPM LINER-LTP5902-IPM_15 Datasheet
732Kb / 32P
SmartMesh IP Node 2.4GHz 802.15.4e Wireless Mote Module
LTP5902-IPR LINER-LTP5902-IPR Datasheet
889Kb / 29P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager
LTP5902-IPR LINER-LTP5902-IPR_15 Datasheet
1Mb / 32P
SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Embedded Manager
More results

Similar Description - LTP5902

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5800-IPM LINER-LTC5800-IPM Datasheet
915Kb / 28P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTC5800-IPR LINER-LTC5800-IPR Datasheet
868Kb / 28P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager-on-Chip
LTC5800-WHM LINER-LTC5800-WHM Datasheet
809Kb / 27P
2.4 GHz 802.15.4 EternaTM Mote-on-Chip
LTP5900-WHM LINER-LTP5900-WHM Datasheet
423Kb / 21P
2.4 GHz 802.15.4 Wireless Mote
LTP5902-IPR LINER-LTP5902-IPR Datasheet
889Kb / 29P
2.4 GHz 802.15.4 EternaTM Embedded Network Manager
LTP5902-WHM LINER-LTP5902-WHM Datasheet
832Kb / 29P
2.4 GHz 802.15.4 EternaTM Mote Module
LTP5903-WHR LINER-LTP5903-WHR Datasheet
465Kb / 19P
2.4 GHz 802.15.4 Embedded Network Manager
logo
Anaren Microwave
A2530E24X ANAREN-A2530E24X Datasheet
1Mb / 34P
2.4 GHz IEEE 802.15.4 compliant
logo
Laird Tech Smart Techno...
450-0035 LSTD-450-0035 Datasheet
1Mb / 33P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
450-0075 LSTD-450-0075 Datasheet
1Mb / 46P
Integrated Transceiver Modules for ZigBee / 802.15.4 (2.4 GHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com