Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902 Datasheet(PDF) 15 Page - Linear Technology

Part # LTP5902
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTP5902 Datasheet HTML 11Page - Linear Technology LTP5902 Datasheet HTML 12Page - Linear Technology LTP5902 Datasheet HTML 13Page - Linear Technology LTP5902 Datasheet HTML 14Page - Linear Technology LTP5902 Datasheet HTML 15Page - Linear Technology LTP5902 Datasheet HTML 16Page - Linear Technology LTP5902 Datasheet HTML 17Page - Linear Technology LTP5902 Datasheet HTML 18Page - Linear Technology LTP5902 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
A d v a nce d I n fo rm a t i o n
Eterna Datasheet
Linear Technology / Dust Networks
15
No
IPCS SPI /
FLASH
Programming
Type
I/O
Pull
Description
33
IPCS_MISO
2
O
-
SPI flash emulation (MISO) master in slave out port
GPIO6
I/O
-
General purpose digital I/O
35
IPCS_MOSI
1
I
-
SPI flash emulation (MOSI) master out slave in port
GPIO5
I/O
-
General purpose digital I/O
36
IPCS_SCK
1
I
-
SPI flash emulation (SCK) serial clock port
GPIO4
I/O
-
General purpose digital I/O
39
IPCS_SSn
1
I
-
SPI flash emulation slave select, active low
GPIO3
I/O
-
General purpose digital I/O
51
FLASH_P_ENn
I
UP
Flash program enable, active low
Note that this functionality is available only when RESETn is asserted
No
Special
Purpose Digital
Type
I/O
Pull
Description
27
SLEEPn
1*
I
-
Deep Sleep, active low
63
TIMEn
1*
I
-
Time capture request, active low
* Input signals that must be driven or pulled to a valid state to avoid leakage.
5.3
Power Supply
Eterna is powered from a single pin, VSUPPLY, and generates all required supplies internally. With two integrated DC/DC
converters and four voltage regulators, the sensitivity to noise on VSUPPLY is minimal. However, during typical operation
Eterna will vary its load on the power supply from the
μA range to 10’s of mA over a few μs. During such transients, the
power supply must meet the specifications for supply noise tolerance. Eterna is designed to operate with specific decoupling
capacitance on VCORE, VDDA, VOSC, VDDPA, and VPRIME, as well as the internal converter capacitors C1 through C4.
Failure to use correctly sized ceramic capacitors can result in supply instability and performance degradation.
5.3.1
Antenna
Eterna allows direct connection to a single-ended 50-Ohm antenna; an internal TX/RX switch simplifies external circuitry
requirements. Because both the transmit and the receive paths are single-ended, a balun (with its associated cost and
efficiency loss) are not required. Eterna provides options to set typical output power to 0 dBm or to +8 dBm using the on-chip
PA. For further details on radio transmit and receive, see section 2.4.
5.4
Analog
Eterna has four analog inputs. Its 10-bit ADC includes a 4-bit DAC for adjusting offset and a 3-bit VGA, as shown in Figure
13. The software application layer controls ADC operation and may be configured to automatically sample any combination
of the internal temperature sensor, or analog input signals.
Figure 13 Analog to Digital Chain
5.5
JTAG
Eterna includes an IEEE 1149.1-compliant JTAG port for boundary scan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com