Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902 Datasheet(PDF) 16 Page - Linear Technology

Part # LTP5902
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTP5902 Datasheet HTML 12Page - Linear Technology LTP5902 Datasheet HTML 13Page - Linear Technology LTP5902 Datasheet HTML 14Page - Linear Technology LTP5902 Datasheet HTML 15Page - Linear Technology LTP5902 Datasheet HTML 16Page - Linear Technology LTP5902 Datasheet HTML 17Page - Linear Technology LTP5902 Datasheet HTML 18Page - Linear Technology LTP5902 Datasheet HTML 19Page - Linear Technology LTP5902 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
A d v a nce d I n fo rm a t i o n
16
Linear Technology / Dust Networks
Eterna Datasheet
6.0
Absolute Maximum Ratings
The absolute maximum ratings shown in Table 3 should not be violated under any circumstances. Permanent damage to the
device may be caused by exceeding one or more of these parameters. Unless otherwise noted, all voltages in Table 3 are
relative to GND.
Table 3
Absolute Maximum Ratings
Parameter
Min
Typ
Max
Units
Comments
Supply voltage (VSUPPLY to GND)
–0.3
3.76
V
Voltage on any digital I/O pin
–0.3
VSUPPLY
+ 0.3
up to 3.76
V
Input RF level
+10
dBm
Input power at antenna connector
Storage temperature range
–55
+105
°C
Extended storage at high
temperature is discouraged, as this
negatively affects the data
retention of Eterna’s calibration
data.
Lead temperature
+245
°C
For 10 seconds
VSWR of antenna
3:1
ESD protection
Antenna pad
±8000
V
HBM
All other pads
±1000
V
HBM
±100
V
CDM
Caution! ESD sensitive device. Precaution should be used when handling the device in order to prevent
permanent damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com