Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902 Datasheet(PDF) 20 Page - Linear Technology

Part # LTP5902
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTP5902 Datasheet HTML 16Page - Linear Technology LTP5902 Datasheet HTML 17Page - Linear Technology LTP5902 Datasheet HTML 18Page - Linear Technology LTP5902 Datasheet HTML 19Page - Linear Technology LTP5902 Datasheet HTML 20Page - Linear Technology LTP5902 Datasheet HTML 21Page - Linear Technology LTP5902 Datasheet HTML 22Page - Linear Technology LTP5902 Datasheet HTML 23Page - Linear Technology LTP5902 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
A d v a nce d I n fo rm a t i o n
20
Linear Technology / Dust Networks
Eterna Datasheet
High Drive
- 0.3
†
+ 0.3
†
Input leakage current
50
nA
† Min and Min and Max IO input levels must respect the Minimum and Maximum voltages for VSUPPLY.
8.6
Temperature Sensor Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified.
Table 11
Temperature Sensor Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Offset
Temperature offset error at 25 ºC
±0.25
°C
Slope error
Slope error from -40 to +85 ºC
±0.033
°C/°C
8.7
ADC Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified.
Table 12
ADC Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Variable gain amplifier
Gain
Gain error
1
8
1
%
Digital to analog converter (DAC)
Offset output
Differential non-linearity (DNL)
1.8/16
1.8
7.2
V
mV
Analog to digital converter (ADC)
Full-scale, signal
Resolution
Offset
Differential non-linearity (DNL)
Integral non-linearity (INL)
Settling time
Conversion time
Current consumption
Midscale
10-kOhm source impedance
1.80
1.8
±4
1
1
10
20
50
V
mV
LSB
LSB
LSB
µs
µs
µA
Analog Inputs*
Load
Input resistance
17
1
35
2
pF
kOhm
* The analog inputs to the ADC can be model as a series resistor to a load capacitor. At a minimum the entire circuit,
including the source impedance for the signal driving the analog input should be designed to settle to within ¼ LSB within
the sampling window to match the performance of the ADC.
8.8
System Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified.
Table 13
System Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Doze to Active state delay
5
µs
Doze to Radio TX or RX
1.2
ms
QCCA charge to sample RF channel
Start from Doze state
4
µC
Radio baud rate
250
kbps
RESETn pulse width
125
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com