Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902 Datasheet(PDF) 17 Page - Linear Technology

Part # LTP5902
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTP5902 Datasheet HTML 13Page - Linear Technology LTP5902 Datasheet HTML 14Page - Linear Technology LTP5902 Datasheet HTML 15Page - Linear Technology LTP5902 Datasheet HTML 16Page - Linear Technology LTP5902 Datasheet HTML 17Page - Linear Technology LTP5902 Datasheet HTML 18Page - Linear Technology LTP5902 Datasheet HTML 19Page - Linear Technology LTP5902 Datasheet HTML 20Page - Linear Technology LTP5902 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
A d v a nce d I n fo rm a t i o n
Eterna Datasheet
Linear Technology / Dust Networks
17
7.0
Recommended Operating Conditions
Table 4
Recommended Operation Conditions
Parameter
Conditions
Min
Typ
Max
Units
VSUPPLY range
Including noise and load regulation
2.1
3.6
3.76
V
Voltage supply noise
Requires recommended RLC filter,
50 Hz to 2 MHz
250
mVp-p
Operating temperature range
–40
+85
°C
Operating relative humidity
Non-condensing
10
90
% RH
Power on Reset threshold
1.5
V
Temperature ramp
-8
+8
°C/min
8.0
Electrical Characteristics
8.1
Radio Specifications
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified.
Table 5
Detailed Radio Specifications
Parameter
Conditions
Min
Typ
Max
Units
Frequency Band
As specified by [ 1 ]
2.4000
2.4835
GHz
Number of channels
15
Channel separation
As specified by [ 1 ]
5
MHz
Occupied channel bandwidth
At –20 dBc
2.7
MHz
Channel Center Frequency
Where k = 11 to 25.‡
2405 +
5 * (k-11)
MHz
Modulation
IEEE 802.15.4 DSSS
Raw data rate
As specified by [ 1 ]
250
kbps
Range*
Indoor
†
Outdoor
†
Free space
25 °C, 50% RH, +2 dBi
omni-directional antenna
100
300
1200
m
m
m
* Actual RF range performance is subject to a number of installation-specific variables including, but not restricted to
ambient temperature, relative humidity, presence of active interference sources, line-of-sight obstacles, and near-
presence of objects (for example, trees, walls, signage, and so on) that may induce multipath fading. As a result, actual
performance varies.
†
1 meter above ground.
‡ Channel 26 as specified by [ 1 ] is not used..
8.2
DC Characteristics
The following characteristics are measured with VSUPPLY = 3.6 V at 25 °C, unless otherwise specified.
Table 6
DC Specifications
Parameter
Conditions
Min
Typ
Max
Units
Reset
After power-on reset
1.2
µA
Deep Sleep
0.8
µA
Doze
RAM on; ARM Cortex-M3, flash, radio,
and peripherals off, all data and state
retained, 32.768 kHz reference active
1.2
µA
Serial Flash Emulation
20
mA
Peak Operating current
System operating at 14.7 MHz
Radio Tx
Flash Write
at +8 dBm output power
30
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com