Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTP5902 Datasheet(PDF) 12 Page - Linear Technology

Part # LTP5902
Description  2.4 GHz 802.15.4 EternaTM Mote Modules
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5902 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTP5902 Datasheet HTML 8Page - Linear Technology LTP5902 Datasheet HTML 9Page - Linear Technology LTP5902 Datasheet HTML 10Page - Linear Technology LTP5902 Datasheet HTML 11Page - Linear Technology LTP5902 Datasheet HTML 12Page - Linear Technology LTP5902 Datasheet HTML 13Page - Linear Technology LTP5902 Datasheet HTML 14Page - Linear Technology LTP5902 Datasheet HTML 15Page - Linear Technology LTP5902 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
A d v a nce d I n fo rm a t i o n
12
Linear Technology / Dust Networks
Eterna Datasheet
5.0
Pinout
5.2
Eterna Mote Modules
The Eterna mote modules are shown in Figure 11 and Figure 12. Pins are described in Table 2, where they are grouped by
function. In some cases, a pin may have multiple possible functions.
Note: All unused input pins not configured with a pull resistor (see Pull column in pin out table) must be driven to an
inactive state to avoid excess leakage and undesired operation. Leakage due to floating inputs can be substantially greater
than Eterna’s average power consumption.
30
GND
29
NC
28
DP0
27
SLEEPn
26
DP2 / GPIO21
25
DP3
24
RESERVED
23
RESERVED
22
RESERVED
21
DP4
20
GND
19
TCK
18
TMS
17
TDO
16
TDI
15
RESETn
14
NC
13
NC
12
RESERVED
11
GND
10
AI_0
9
AI_3
8
AI_1
7
AI_2
6
RADIO_TXn
5
RADIO_TX
4
LNA_EN
3
NC
2
RESERVED
1
GND
37
GND
38
SPIM_MISO
39
IPCS_SSn / GPIO3
40
SPIM_MOSI
41
SPIM_SCK
42
GND
43
SPIM_SS_1n
44
SPIM_SS_0n
45
DP1
46
PWM0
47
SPIS_MISO
48
GPIO26 / SPIS_MOSI
49
SPIS_SCK
50
SPIS_SSn
51
FLASH_P_ENn
52
NC
53
NC
54
RESERVED
55
VSUPPLY
56
GND
57
UART_RX_RTSn
58
UART_RX_CTSn
59
UART_RX
60
UART_TX_RTSn
61
UART_TX_CTSn
62
UART_TX
63
TIMEn
64
RADIO_INHIBIT
65
NC
66
GND
Antenna
Connector
Figure 11 LTP5902-IPM – Mote Module with MMCX Antenna Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com