Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7005 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # ACT7005
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7005 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

Back Button ACT7005 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 12Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 13Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 14Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
10
REGISTER SUMMARY
Remote Terminal Command Word Register: This
Register is utilized in the RT mode and is read only.
It contains all valid received command words, i.e.
transmit, receive, and mode command.
Receive Command Word Register: After the
reception of a valid receive message, and the
GOOD BLOCK interrupt has been issued, the
Receive Command word will be transferred from the
Remote Terminal Command Word Register to this
register. The purpose of double buffering receive
command words is to maximize the time a
subsystem has to read this command since GOOD
BLOCK comes at the end of the data transfer, and
the next command word could overwrite the contents
of the Remote Terminal Command Word Register.
This is a READ ONLY register in RT mode.
Command Word #1 Register: This register
contains the first command word to be transmitted
during an RT to RT transfer, or the command word
for a BC to RT, or RT to BC transfer. This register is a
read or write register.
Vector Word/Command Word #2 Associated
Mode Data Register: This register is used to
accomplish multiple functions in Bus Controller and
Remote Terminal Modes. In BC Mode it will contain
the second command word for (RT to RT) transfers,
or Associated Mode Data that is required by certain
mode codes; i.e., Sync (with data). When operated
in the RT Mode, this register contains the Vector
Word required by mode code Transmit Vector Word
Command.
STATUS Word #1 Register: The utilization of this
register in the BC mode is read only. It contains the
returned status word for BC to RT, RT to BC mode,
or the first returned status in RT to RT mode. At
reset or the initiation of a bus transfer, the contents
of this register will be set to all high, FFFFH.
Synchronize/Status Word #2/ Return Mode Data
Register: In Bus Controller mode this register will
either contain the second returned status word for
RT to RT transfers or the returned mode data; i.e.,
BIT word or Vector word, Last Status word, or Last
Command word. In BC mode this register is
initialized to all highs, FFFFH. Unlike the other status
word register, this does function in the RT mode, but
is still read only in either mode. In RT mode it will
contain the SYNC data word received in association
with the Synchronize with Data Mode Code.
Operation Register: This register contains
information provided by the subsystem to control the
interface. This register sets up the mode of operation
for the interface (BC or RT), selects the available
options (BUS Select and Auto Retry), and contains
information for reading or writing data to the Internal
RAM. (See note below.) This register also provides
software control of the DBCACC, SERVREQ, and
SSERR bits of the status word. Following power-up
master reset, bit 7 of this register will be set high.
This bit corresponds to the busy bit of the Remote
Terminal Status Word. The subsystem reads and
writes to this register under l/O commands. The
transfer functions defined by this register are
executed by either of the two l/O EXECUTE
Commands.
Not
e: The Internal RAM is divided into transmit or
receive sections. In general, data is written to the transmit
section and read from the receive section. However,
either section may be read from or written to via the T/R
bit in this register.
SELF TEST
The inclusion of simple wraparound self test
circuitry in the protocol section insures that a high
percentage of coverage is attainable. Testing
requires simple subsystem intervention. A word is
first placed in the VECTOR WORD Register. Test bit
9 in the OPERATION Register is asserted low and
the l/O TEST TRIGGER address is written. The LT
LOCAL (Bit 10 of the Operation Register)
determines if this will be an ON/OFF line test. OFF
line tests are performed by the inclusion of digital
multiplexers in front of the encoder, bypassing the
transceiver, providing a path to the decoder. The ON
line tests are accomplished when not connected to a
bus network, such as a maintenance test station,
since this test utilizes the transceiver to provide the
loop back path instead of the internal multiplexers. In
this mode test words would appear on the bus. First,
the primary bus will be tested with the data that
resides in the VECTOR WORD Register. It is
encoded then looped back, decoded and presented
to the subsystem as a normal data transfer would be
accomplished. This word will be stored in the RT
Command Word Register. The secondary bus is
sequentially tested after the primary bus is
completed, utilizing the word residing in the
VECTOR WORD Register. Upon successful
completion of the test, the PASS interrupt will be
asserted low.
In addition to this test of the protocol section, the
subsystem data handling capability is also testable
via the OPERATION Register. This is accomplished
by writing a message to the INPUT FIFO Buffer; this
data can be placed in any location determined by the
SA0 through SA4 Bits, or in either the transmit or
receive section (T/R Bit). This same data can now
be transferred from this RAM location to the
OUTPUT FIFO Buffer and compared with the data
originally written to the INPUT FIFO Buffer.
Providing this type of testing provides a high degree
of functional verification.
This test implementation not only verifies
MIL-STD-1553 protocol compliance (proper sync
character, 16 data bits, Manchester 11 coding, odd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com