Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7005 Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # ACT7005
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7005 Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button ACT7005 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 12Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 13Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 14Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 15Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 16Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 17Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 18Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
15
Bit
Name
Function
7
BUSY BIT
RTU BUSY
HIGH- BUSY
LOW - NOT BUSY
MASTER RESET SETS BIT HIGH
8RT/BC
Remote Terminal/Bus Controller Bit. This line, when set HIGH, causes the hybrid
to function as a Remote Terminal. When set LOW, it will function as a Bus
Controller. Master Reset sets this bit HIGH
9
Transaction/
Test
Transaction/Test Mode Bit. When this bit is set high, normal transactions will be
handled, eg., BC to RT, RT to BC, RT to RT. If this bit is set low and a trigger
transaction is issued, the self-test will be performed for the MIL-STD-1553
protocol chip.
10
LT Local
Loop Test Local Bit (Used in conjunction with BIT 9). This signal selects the self
test path. When set LOW, the internal digital path is selected. When set HIGH,
the external path, including transceivers, is selected.
11
Bus Select
Bus Select (Bus Controller Only). When set high, Bus 1 is selected. When set
LOW, Bus 0 is selected.
12
Normal/RT-RT
Normal/Remote Terminal-Remote Terminal Bit. When set HIGH, BC to RT and
RT to BC transfers are performed. When set LOW RT to RT transfers are
performed. Two command words are required and two returned status words will
be expected.
13
SERV REQ/
Auto-Retry
(LSB)
Service Request/Auto-Retry (LSB) Bit.
RT MODE: A LOW in this bit will cause the service request
bit in the status word to be set.
BC MODE: This is the LSB of the Auto-Retry options. See
table on this page, Bit 14
14
SERR
Auto-Retry
(MSB)
Subsystem Error/Auto-Retry (MSB) Bit.
RT MODE:
A LOW in this bit will cause a Subsystem Error
Bit in the status word to be set.
BC MODE:
This is the MSB of the Auto-Retry option
15
DBCACC/
Auto-Retry
Other Bus
Dynamic Bus Control Accept/Auto-Retry Bus Bit.
RT MODE: This bit should be LOW if the subsystem is able to accept
control of the bus, if offered.
BC MODE: This bit should be HIGH if an invalid transfer is to be
retried according to the selected auto-retry option listed
above.
Table 7 – Operational Register (continued)
AUTO-RETRY OPERATIONS
Options selected:
Auto-Retry Other Bus
Bit 15
Bit 14
Bit 13
0
1
0
0
No Retry
No Retry
01
P
S
10
P/P
P/S
11
P/P/P
P/S/S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com