Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7005 Datasheet(PDF) 29 Page - Aeroflex Circuit Technology

Part # ACT7005
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7005 Datasheet(HTML) 29 Page - Aeroflex Circuit Technology

Back Button ACT7005 Datasheet HTML 21Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 22Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 23Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 24Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 25Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 26Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 27Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 28Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 29Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
29
CI RCU I T TE CHNOL OGY
Plug In Package Outline
Lead 1 & ESD
Designator
.100
1.100
TYP
2.200
2.100
Pin 43
Pin 45
Pin 44
Pin 2
Pin 3
.135
.050
TYP
1.300
.090
.135
Pin 1
Pin 48
Pin 46
Pin 47
Pin 88
Pin 90
Pin 89
.018 DIA
TYP
2.400
MAX
1.600
MAX
.200
MIN
.225
MAX
Ordering Information
Model Number
DESC Part Number
Package
ACT7005
Pending
2.40" x 1.60" Ceramic Plug In
ACT7006
Pending
2.40" x 1.60" Ceramic Plug In
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) THE-1553
Specifications subject to change without notice
www.aeroflex.com
E-Mail: sales-act@aeroflex.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com