Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7005 Datasheet(PDF) 23 Page - Aeroflex Circuit Technology

Part # ACT7005
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7005 Datasheet(HTML) 23 Page - Aeroflex Circuit Technology

Back Button ACT7005 Datasheet HTML 19Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 20Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 21Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 22Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 23Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 24Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 25Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 26Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 27Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
23
Symbol
Parameter
Min
Typ
Max
Units
Notes
tWPW
Write Pulse Width
50
nsec
1, 2
tRPW
Read Pulse Width
50
nsec
3
tAS
Address Set Up Time
15
nsec
tAH
Address Hold Time
15
nsec
tDS
Write Data Set Up Time
15
nsec
tDH
Write Data Hold Time
0
nsec
2
tDA
Read Data Access Time
50
nsec
tIPW
Interrupt Pulse Width
140
160
180
nsec
4
tREC
Recovery Time
100
nsec
Conditions: (-55°C < TA < +125°C) VCC = +5.0V ± 10%
Notes:
1. Write pulse width tWPW is the time when both DS and WT are simultaneously low. Either DS
or WT may go low or return high first.
2. Write hold time:
tDH = 0 for tWPW > 450nsec
tDH = 10nsec for 50nsec < tWPW < 450nsec
3. Read pulse time tRPW is the time where both DS and RD are simultaneously low. Either DS
or RD may go low or return high first.
4. Refer to “Discrete Interrupt” text for further information.
Table 12 – AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com