Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7005 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT7005
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7005 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT7005 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCD7005 REV B 8/2/01
Features
• Incorporates Transceivers, Protocol, and System Interface Components into a
Single Hybrid Package
• Functions as a Remote Terminal or Bus Controller
• Interfaces to µP as a Simple Peripheral Unit
• +5V Operation
• Provides 2k by 16 of Double Buffered RAM Storage for Transmit and Receive
Subaddresses
• Pin Programmable for 8-bit or 16-bit Microprocessors
• Full Military (-55°C to +125°C) Temperature Range
General Description
The ACT7005/6 Series provides a complete one package interface between the MIL-STD-1553 bus and all
microprocessor systems. The hybrid provides all data buffers and control registers to function as a Bus
Controller or Remote Terminal. Control of the hybrid by the subsystem is through simple I/O port commands.
Internal hybrid logic removes all critical timing imposed on a typical subsystem, thereby simplifying the
implementation of this interface.
Block Diagram
BUS "0"
BUS "1"
DUAL
TX/RX
1553
PROTOCOL
µP
INTERFACE
RAM
S
U
B
S
Y
S
T
E
M
ACT7005 / ACT7006
8/16
BIT
I/O
INTERRUPTS/
CONTROL
SIGNALS
CIRCUIT TECHNOLOGY
www.aeroflex.com
Dual Transceiver, Protocol, Subsystem
ACT7005/7006
Single Package Solution


Similar Part No. - ACT7005

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
logo
Aeroflex Circuit Techno...
ACT7000SC AEROFLEX-ACT7000SC Datasheet
487Kb / 25P
ACT 7000SC 64-Bit Superscaler Microprocessor
More results

Similar Description - ACT7005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6402 AD-AD6402 Datasheet
110Kb / 8P
IF Transceiver Subsystem
REV.0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
GSM 3 V Transceiver IF Subsystem
REV.0
logo
Texas Instruments
TI380C27 TI-TI380C27 Datasheet
1Mb / 77P
DUAL-PROTOCOL COMMPROCESSOR
S6700 TI-S6700 Datasheet
91Kb / 3P
Multi-Protocol Transceiver IC
logo
Analog Devices
AD6402 AD-AD6402_15 Datasheet
105Kb / 8P
IF Transceiver Subsystem
REV. 0
logo
Keysight Technologies
DDR4-FUNCTIONAL KEYSIGHT-DDR4-FUNCTIONAL Datasheet
3Mb / 10P
DDR4 Functional/Protocol Debug and Analysis Reference Solution
logo
Injoinic Technology Co....
IP2112 INJOINIC-IP2112 Datasheet
1Mb / 12P
Single/dual USB port charging protocol IC
logo
Shenzhen Huazhimei Semi...
HM261XX HMSEMI-HM261XX Datasheet
1Mb / 8P
Single/dual USB port charging protocol IC
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
logo
Adlink Technology Inc.
CPCIS-2642 ADLINK-CPCIS-2642 Datasheet
229Kb / 2P
Dual 3U CompactPCI Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com