Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT7005 Datasheet(PDF) 11 Page - Aeroflex Circuit Technology

Part # ACT7005
Description  ACT7005/7006 Single Package Solution Dual Transceiver, Protocol, Subsystem
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT7005 Datasheet(HTML) 11 Page - Aeroflex Circuit Technology

Back Button ACT7005 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 9Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 10Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 11Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 12Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 13Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 14Page - Aeroflex Circuit Technology ACT7005 Datasheet HTML 15Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Aeroflex Circuit Technology
SCD7005 REV B 8/2/01
Plainview NY (516) 694-6700
11
parity, and contiguous word checking), but also the
inclusion of a bit by bit comparison of transmitted
data has been added. The added circuitry is used to
insure that the internal functional blocks, encoder,
decoder, and internal control circuitry are functioning
properly. The internal data path can be verified as
fault free by comparing the returned data word with
the supplied data. The most effective data pattern to
accomplish this is HEX AA55, since each bit is
toggled (8 bit internal highway) on a high/low byte
basis. Total time to complete the test is 89
microseconds. TEST ENABLE (bit 9) must remain
low this entire time to ensure proper operation of the
self test.
USE OF A10 AND A10IN
The standard configuration of the ACT7005/6
Series divides the INTERNAL RAM into separate
RECEIVE and TRANSMIT sections. For this
configuration A10 is connected to A10IN. When A10
is high, it addresses the TRANSMIT section; when
low, the RECEIVE sections. A10IN is the address
input to the INTERNAL RAM.
The interface may be configured with one common
section for both RECEIVE and TRANSMIT data. To
configure this, A10 is not connected, and A10IN is
fixed at either a logic high or low. This bit can also be
controlled by the subsystem to provide double
buffering of the contents of common RAM section for
receive and transmit data. If A10 and A10IN are not
directly connected together but gated together, then
no more than 100nsec of propagation delay should
be introduced.
NON-REGISTER OPERATIONAL
COMMANDS
There are six operational commands that are not
register read or write operations. These commands
are summarized in Table 8. The two execute
operations are dependent on the contents of the
OPERATION register. The address codes for all the
operational commands are summarized in the 8 bit
and 16 bit l/O OPERATIONAL tables.
OPTIONAL STATUS WORD CONTROL
Message Error Bit
The ACT7005/6 monitors all receptions for errors
and sets the Message Error Bit as prescribed in
MIL-STD-1553B. The subsystem designer may,
however, exercise the option of monitoring for illegal
commands and forcing the Message Error Bit to be
set.
The word count and subaddress lines for the
current command are valid when INCMD goes low.
The subsystem must then determine whether or not
the word count or subaddress is to be considered
illegal by the RT. If either of them is considered
illegal, the subsystem must produce a
negative-going pulse called MEREQ. The
negative-going edge of MEREQ must occur within
500 nSec of the falling edge of INCMD .
Subsystem Flag and Terminal Flag Bits
The conditions that cause the Subsystem Flag and
Terminal Flag Bits in the Status Word to be reset
may be controlled by the subsystem using the
ENABLE, BIT DECODE, NEXT STATUS, and
STATUS UPDATE inputs. If ENABLE is inactive
(high), then the Terminal Flag and Subsystem Flag
behavior is the same as described below: (i.e. the
other three option lines are disabled).
Subsystem Flag Bit: This bit is reset to logic
zero by a power up initialization or the servicing of
a legal mode command to reset the remote
terminal (code 01000).
This bit shall be set in the current status register
if the subsystem error line, SSERR, from the
subsystem ever goes active low. This bit shall
also be set if an RT/subsystem handshaking
failure occurs. This bit, once set, shall be
repeatedly set until the detected error condition is
known to be no longer present.
Terminal Flag Bit: This bit is reset to logic zero
by a power up initialization or the servicing of a
legal mode command to reset the remote
terminal (code 01000). This bit can be set to logic
one in the current status register in four possible
ways:
a) If the RX detects any message encoding
or content error in the terminals
transmission. A loop test failure, LTFAIL,
will be signalled which shall cause the
Terminal Flag to be set and the
transmission aborted.
b) If a transmitter timeout occurs while the
terminal is transmitting.
c) If a remote terminal self test fails.
d) If there is a parity error in the hard wired
address to the RX chip.
This bit, once set, shall be repeatedly set until
the detected error condition is known to be no
longer present. The transmission of this bit as a
logic one can be inhibited by a legal mode
command to inhibit terminal flag bit (code 00110).
Similarly, this inhibit can be removed by a mode
command to override inhibit terminal flag bit
(code 00111), a power up initialization or a legal
mode command to reset remote terminal (code
01000).
If ENABLE is held low, then the three options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com