Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4E2 Datasheet(PDF) 17 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 17 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 13Page - Agere Systems OR4E2 Datasheet HTML 14Page - Agere Systems OR4E2 Datasheet HTML 15Page - Agere Systems OR4E2 Datasheet HTML 16Page - Agere Systems OR4E2 Datasheet HTML 17Page - Agere Systems OR4E2 Datasheet HTML 18Page - Agere Systems OR4E2 Datasheet HTML 19Page - Agere Systems OR4E2 Datasheet HTML 20Page - Agere Systems OR4E2 Datasheet HTML 21Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 124 page
background image
Lucent Technologies Inc.
17
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Programmable Logic Cells (continued)
The ripple mode can be used in one of four submodes.
The first of these is adder-subtractor submode. In
this submode, each LUT generates three separate out-
puts. One of the three outputs selects whether the
carry-in is to be propagated to the carry-out of the cur-
rent LUT or if the carry-out needs to be generated. If
the carry-out needs to be generated, this is provided by
the second LUT output. The result of this selection is
placed on the carry-out signal, which is connected to
the next LUT carry-in or the COUT/FCOUT signal, if it
is the last LUT (K7/K3). Both of these outputs can be
any equation created from KZ[1] and KZ[0], but in this
case, they have been set to the propagate and gener-
ate functions.
The third LUT output creates the result bit for each LUT
output connected to F[7:0]/F[3:0]. If an adder/subtrac-
tor is needed, the control signal to select addition or
subtraction is input on F5A/F5C inputs. These inputs
generate the controller input AS. When AS = 0, this
function performs the adder, A + B. When AS = 1, the
function performs the subtractor, A – B. The result bit is
created in one-half of the LUT from a single bit from
each input bus KZ[1:0], along with the ripple input bit.
The second submode is the counter submode (see
Figure 10). The present count, which may be initialized
via the PFU DIN inputs to the latches/FFs, is supplied
to input KZ[0], and then output F[7:0]/F[3:0] will either
be incremented by one for an up counter or decre-
mented by one for a down counter. If an up/down
counter is needed, the control signal to select the direc-
tion (up or down) is input on F5A and F5C. When
F5[A:C], respectively per nibble, is a logic 1, this indi-
cates a down counter and a logic 0 indicates an up
counter.
5-5756(F)
Figure 10. Counter Submode
F7
K7[0]
K7
DQ
C
C
DQ
Q7
REGCOUT
COUT
F6
K6[0]
K6
DQ
Q6
F4
K4[0]
K4
DQ
Q4
F3
K3[0]
K3
DQ
Q3
F2
K2[0]
K2
DQ
Q2
F1
K1[0]
K1
DQ
Q1
F5
K5[0]
K5
DQ
Q5
F0
K0[0]
K0
DQ
Q0
CIN/FCIN
FCOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com