Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4E2 Datasheet(PDF) 7 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 7 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 3Page - Agere Systems OR4E2 Datasheet HTML 4Page - Agere Systems OR4E2 Datasheet HTML 5Page - Agere Systems OR4E2 Datasheet HTML 6Page - Agere Systems OR4E2 Datasheet HTML 7Page - Agere Systems OR4E2 Datasheet HTML 8Page - Agere Systems OR4E2 Datasheet HTML 9Page - Agere Systems OR4E2 Datasheet HTML 10Page - Agere Systems OR4E2 Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 124 page
background image
Preliminary Data Sheet
December 2000
Lucent Technologies Inc.
7
ORCA Series 4 FPGAs
Product Description (continued)
5-7536 (F)a
Figure 1. Series 4 Top-Level Diagram
EMBEDDED
SYSTEM BUS
PLC
MICROPROCESSOR
INTERFACE (MPI)
PFU
SLIC
FPGA/SYSTEM
BUS INTERFACE
PLLs
EMBEDDED
BLOCK RAM
HIGH-SPEED I/Os
CLOCK PINS
PIO
Programmable Logic Cells
The PLCs are arranged in an array of rows and col-
umns. The location of a PLC is indicated by its row and
column so that a PLC in the second row and the third
column is R2C3. The array of actual PLCs for every
device begins with R3C2 in all Series 4 generic
FPGAs.
The PLC consists of a PFU, SLIC, and routing
resources. Each PFU within a PLC contains eight
4-input (16-bit) LUTs, eight latches/FFs, and one addi-
tional FF that may be used independently or with arith-
metic functions. The PFU is the main logic element of
the PLC, containing elements for both combinatorial
and sequential logic. Combinatorial logic is done in
LUTs located in the PFU. The PFU can be used in dif-
ferent modes to meet different logic requirements. The
LUTs twin-quad architecture provides a configurable
medium-/large-grain architecture that can be used to
implement from one to eight independent combinatorial
logic functions or a large number of complex logic func-
tions using multiple LUTs. The flexibility of the LUT to
handle wide input functions, as well as multiple smaller
input functions, maximizes the gate count per PFU
while increasing system speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com