Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4E2 Datasheet(PDF) 5 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 5 Page - Agere Systems

  OR4E2 Datasheet HTML 1Page - Agere Systems OR4E2 Datasheet HTML 2Page - Agere Systems OR4E2 Datasheet HTML 3Page - Agere Systems OR4E2 Datasheet HTML 4Page - Agere Systems OR4E2 Datasheet HTML 5Page - Agere Systems OR4E2 Datasheet HTML 6Page - Agere Systems OR4E2 Datasheet HTML 7Page - Agere Systems OR4E2 Datasheet HTML 8Page - Agere Systems OR4E2 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 124 page
background image
Lucent Technologies Inc.
5
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
System Features (continued)
s
Variable-size bused readback of configuration data capability with the built-in MPI and system bus.
s
Internal, 3-state, bidirectional buses with simple control provided by the SLIC.
s
Meets universal test and operations PHY interface for ATM (UTOPIA) Levels 1, 2, and 3. Also meets proposed
specifications for UTOPIA Level 4 for 10 Gbits/s interfaces.
s
New clock routing structures for global and local clocking significantly increases speed and reduces skew
(<200 ps for OR4E4).
s
New local clock routing structures allow creation of localized clock trees anywhere on the device.
s
New DDR, QDR, and ZBT memory interfaces support the latest high-speed memory interfaces.
s
New 2x/4x uplink and downlink I/O shift registers capabilities interface high-speed external I/Os to reduced inter-
nal logic speed.
s
ORCA Foundry 2000 development system software. Supported by industry-standard CAE tools for design entry,
synthesis, simulation, and timing analysis.
Table 2. System Performance
1. Implemented using 8 x 1 multiplier mode (unpipelined), register-to-register, two 8-bit inputs, one 16-bit output.
2. Implemented using two 32 x 4 RAMs and one 12-bit adder, one 8-bit input, one fixed operand, one 16-bit output.
3. Implemented using 8 x 1 multiplier mode (fully pipelined), two 8-bit inputs, one 16-bit output (seven of 15 PFUs
contain only pipelining registers).
4. Implemented using 32 x 4 RAM mode with read data on 3-state buffer to bidirectional read/write bus.
5. Implemented using 32 x 4 dual-port RAM mode.
6. Implemented in one partially occupied SLIC, with decoded output setup to CE in the same PLC.
7. Implemented in five partially occupied SLICs.
Function
No. PFUs
2
Unit
16-bit loadable up/down counter
2
282
MHz
16-bit accumulator
2
282
MHz
8 x 8 Parallel Multiplier
Multiplier mode, unpipelined 1
11.5
72
MHz
ROM mode, unpipelined 2
8175
MHz
Multiplier mode, pipelined 3
15
197
MHz
32 x 16 RAM (synchronous)
Single port, 3-state bus 4
4264
MHz
Dual-port 5
4340
MHz
128 x 8 RAM (synchronous)
Single port, 3-state bus 4
8264
MHz
Dual-port, 3-state bus 5
8264
MHz
Address Decode
8-bit internal, LUT-based
0.25
1.37
ns
8-bit internal, SLIC-based 6
00.73
ns
32-bit internal, LUT-based
2
4.68
ns
32-bit internal, SLIC-based 7
02.08
ns
36-bit Parity Check (internal)
2
4.68
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com