Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4E2 Datasheet(PDF) 21 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 21 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 17Page - Agere Systems OR4E2 Datasheet HTML 18Page - Agere Systems OR4E2 Datasheet HTML 19Page - Agere Systems OR4E2 Datasheet HTML 20Page - Agere Systems OR4E2 Datasheet HTML 21Page - Agere Systems OR4E2 Datasheet HTML 22Page - Agere Systems OR4E2 Datasheet HTML 23Page - Agere Systems OR4E2 Datasheet HTML 24Page - Agere Systems OR4E2 Datasheet HTML 25Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
Preliminary Data Sheet
December 2000
Lucent Technologies Inc.
21
ORCA Series 4 FPGAs
Programmable Logic Cells (continued)
5-5749(F)
Figure 13. Memory Mode Expansion Example—128 x 8 RAM
RD[7:0]
WE
WA[6:0]
RA[6:0]
CLK
WA
RA
WPE 1
WPE 2
WE
WD[7:4]
5
5
4
PLC
8
WD[7:0]
8
7
7
WA
RA
WPE 1
WPE 2
WE
RD[3:0]
WD[3:0]
5
5
4
PLC
RD[7:4]
WA
RA
WPE 1
WPE 2
WE
WD[7:4]
5
5
4
PLC
WA
RA
WPE 1
WPE 2
WE
RD[3:0]
WD[3:0]
5
5
4
PLC
RD[7:4]
RE
RE
4
RE
4
RE
4
RE
4
Supplemental Logic and Interconnect Cell
Each PLC contains a SLIC embedded within the PLC
routing, outside of the PFU. As its name indicates, the
SLIC performs both logic and interconnect (routing)
functions. Its main features are 3-statable, bidirectional
buffers, and a PAL-like decoder capability. Figure 14
shows a diagram of a SLIC with all of its features
shown. All modes of the SLIC are not available at one
time.
The ten SLIC inputs can be sourced directly from the
PFU or from the general routing fabric. SI[0:9] inputs
can come from the horizontal or vertical routing, and
I[0:9} comes from the PFU outputs O[9:0]. These
inputs can also be tied to a logical 1 or 0 constant. The
inputs are twin-quad in nature and are segregated into
two groups of four nibbles and a third group of two
inputs for control. Each input nibble groups also have
3-state capability; however, the third pair does not.
There is one 3-state control (TRI) for each SLIC, with
the capability to invert or disable the 3-state control for
each group of four BIDIs. Separate 3-state control for
each nibblewide group is achievable by using the
SLICs decoder (DEC) output, driven by the group of
two BIDIs, to control the 3-state of one BIDI nibble
while using the TRI signal to control the 3-state of the
other BIDI nibble. Figure 15 shows the SLIC in buffer
mode with available 3-state control from the TRI and
DEC signals. If the entire SLIC is acting in a buffer
capacity, the DEC output may be used to generate a
constant logic 1 (VHI) or logic 0 (VLO) signal for general
use.
The SLIC may also be used to generate PAL-like AND-
OR with optional INVERT (AOI) functions or a decoder
of up to 10 bits. Each group of buffers can feed into an
AND gate (4-input AND for the nibble groups and
2-input AND for the other two buffers). These AND
gates then feed into a 3-input gate that can be config-
ured as either an AND gate or an OR gate. The output
of the 3-input gate is invertible and is output at the DEC
output of the SLIC. Figure 19 shows the SLIC in full
decoder mode.
The functionality of the SLIC is parsed by the two
nibblewide groups and the 2-bit buffer group. Each of
these groups may operate independently as BIDI buff-
ers (with or without 3-state capability for the nibblewide
groups) or as a PAL/decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com