Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4E2 Datasheet(PDF) 1 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 1 Page - Agere Systems

  OR4E2 Datasheet HTML 1Page - Agere Systems OR4E2 Datasheet HTML 2Page - Agere Systems OR4E2 Datasheet HTML 3Page - Agere Systems OR4E2 Datasheet HTML 4Page - Agere Systems OR4E2 Datasheet HTML 5Page - Agere Systems OR4E2 Datasheet HTML 6Page - Agere Systems OR4E2 Datasheet HTML 7Page - Agere Systems OR4E2 Datasheet HTML 8Page - Agere Systems OR4E2 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
Preliminary Data Sheet
December 2000
ORCA® Series 4
Field-Programmable Gate Arrays
Programmable Features
s
High-performance platform design.
— 0.13 µm seven-level metal technology.
— Internal performance of >250 MHz
(four logic levels).
— I/O performance of >416 MHz for all user I/Os.
— Over 1.5 million usable system gates.
— Meets multiple I/O interface standards.
— 1.5 V operation (30% less power than 1.8 V oper-
ation) translates to greater performance.
— Embedded block RAM (EBR) for onboard stor-
age and buffer needs.
— Built-in system components including an internal
system bus, eight PLLs, and microprocessor
interface.
s
Traditional I/O selections.
— LVTTL and LVCMOS (3.3 V, 2.5 V, and 1.8 V)
I/Os.
— Per pin-selectable I/O clamping diodes provide
3.3 V PCI compliance.
— Individually programmable drive capability.
24 mA sink/12 mA source, 12 mA sink/6 mA
source, or 6 mA sink/3 mA source.
— Two slew rates supported (fast and slew-limited).
— Fast-capture input latch and input flip-flop (FF)/
latch for reduced input setup time and zero hold
time.
— Fast open-drain drive capability.
— Capability to register 3-state enable signal.
— Off-chip clock drive capability.
— Two-input function generator in output path.
s
New programmable high-speed I/O.
— Single-ended: GTL, GTL+, PECL, SSTL3/2
(class I & II), HSTL (Class I, III, IV), zero-bus
turn-around (ZBT*), and double data rate (DDR).
— Double-ended: LDVS, bused-LVDS, LVPECL.
— Customer defined: Ability to substitute arbitrary
standard-cell I/O to meet fast moving standards.
s
New capability to (de)multiplex I/O signals.
— New DDR on both input and output at rates up to
311 MHz (622 MHz effective rate).
— Used to implement emerging RapidIO† back-
plane interface specification.
— New 2x and 4x downlink and uplink capability per
I/O (i.e., 104 MHz internal to 416 MHz I/O).
s
Enhanced twin-quad programmable function unit
(PFU).
— Eight 16-bit look-up tables (LUTs) per PFU.
— Nine user registers per PFU, one following each
LUT and organized to allow two nibbles to act
independently, plus one extra for arithmetic
carry/borrow operations.
* ZBT is a trademark of Integrated Device Technologies Inc.
† RapidIO is a trademark of Motorola, Inc.
Table 1. ORCA Series 4—Available FPGA Logic
† The usable gate counts range from a logic-only gate count to a gate count assuming 20% of the PFUs/SLICs being used as RAMs. The
logic-only gate count includes each PFU/SLIC (counted as 108 gates/PFU), including 12 gates per LUT/FF pair (eight per PFU), and
12 gates per SLIC/FF pair (one per PFU). Each of the four PIO groups are counted as 16 gates (three FFs, fast-capture latch, output logic,
CLK, and I/O buffers). PFUs used as RAM are counted at four gates per bit, with each PFU capable of implementing a 32 x 4 RAM (or
512 gates) per PFU. Embedded block RAM (EBR) is counted as four gates per bit plus each block has an additional 25k gates. 7k gates
are used for each PLL and 50k gates for the embedded system bus and microprocessor interface logic. Both the EBR and PLLs are con-
servatively utilized in the gate count calculations.
Note: Devices are not pinout compatible with ORCA Series 2/3.
Device
Columns
Rows
PFUs
User I/O
LUTs
EBR
Blocks
EBR Bits (k)
Usable†
Gates (k)
OR4E2
26
24
624
400
4992
8
74
260—470
OR4E4
36
36
1296
576
10368
12
111
400—720
OR4E6
46
44
2024
720
16,192
16
148
530—970
OR4E10
60
56
3360
928
26,880
20
185
740—1350
OR4E14
70
66
4620
1088
36,960
24
222
930—1700


Similar Part No. - OR4E2

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
OR4E02 LATTICE-OR4E02 Datasheet
2Mb / 152P
ORCASeries 4 FPGAs
OR4E02-1BA352C LATTICE-OR4E02-1BA352C Datasheet
2Mb / 152P
ORCASeries 4 FPGAs
OR4E02-1BA352I LATTICE-OR4E02-1BA352I Datasheet
2Mb / 152P
ORCASeries 4 FPGAs
OR4E02-1BM416C LATTICE-OR4E02-1BM416C Datasheet
2Mb / 152P
ORCASeries 4 FPGAs
OR4E02-1BM416I LATTICE-OR4E02-1BM416I Datasheet
2Mb / 152P
ORCASeries 4 FPGAs
More results

Similar Description - OR4E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OR2C04A ETC-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
ATMEL Corporation
AT6000 ATMEL-AT6000 Datasheet
591Kb / 28P
Coprocessor Field Programmable Gate Arrays
logo
Lattice Semiconductor
OR2C04A LATTICE-OR2C04A Datasheet
3Mb / 192P
Field-Programmable Gate Arrays
logo
Agere Systems
OR3C80-4PS240 AGERE-OR3C80-4PS240 Datasheet
4Mb / 210P
3C and 3T Field-Programmable Gate Arrays
June 1999
logo
Texas Instruments
TPC10 TI-TPC10 Datasheet
3Mb / 69P
CMOS FIELD-PROGRAMMABLE GATE ARRAYS
logo
List of Unclassifed Man...
ATT3000 ETC1-ATT3000 Datasheet
498Kb / 80P
Field-Programmable Gate Arrays
logo
Xilinx, Inc
DS022-1 XILINX-DS022-1 Datasheet
89Kb / 5P
Field Programmable Gate Arrays
XC4000 XILINX-XC4000 Datasheet
221Kb / 22P
Third Generation Field-Programmable Gate Arrays
XC4036XLA XILINX-XC4036XLA Datasheet
141Kb / 14P
XC4000XLA/XV Field Programmable Gate Arrays
DS022 XILINX-DS022 Datasheet
1Mb / 233P
Field Programmable Gate Arrays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com