Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR4E2 Datasheet(PDF) 28 Page - Agere Systems

Part # OR4E2
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E2 Datasheet(HTML) 28 Page - Agere Systems

Back Button OR4E2 Datasheet HTML 24Page - Agere Systems OR4E2 Datasheet HTML 25Page - Agere Systems OR4E2 Datasheet HTML 26Page - Agere Systems OR4E2 Datasheet HTML 27Page - Agere Systems OR4E2 Datasheet HTML 28Page - Agere Systems OR4E2 Datasheet HTML 29Page - Agere Systems OR4E2 Datasheet HTML 30Page - Agere Systems OR4E2 Datasheet HTML 31Page - Agere Systems OR4E2 Datasheet HTML 32Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
28
28
Lucent Technologies Inc.
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Embedded Block RAM (continued)
CAM Mode
The CAM block is a content address memory that pro-
vides fast address searches by receiving data input
and returning addresses that contain the data. Imple-
mented in each EBR are two 16-word x 8-bit CAM
function blocks.
The CAM has three modes: single match, multiple
match, and clear, which are all achieved in one clock
cycle. In single-match mode, an 8-bit data input is inter-
nally decoded and reports a match when data is
present in a particular RAM address. Its result is
reported by a corresponding single address bit. In mul-
tiple match, the same occurs with the exception of mul-
tiple address lines report the match. Clear mode is
used to clear the CAM contents in one clock cycle by
erasing all locations.)
Arbitration logic is optionally programmed by the user
to signal occurrences of data collisions as well as to
block both ports from writing at the same time. The
arbitration logic prioritizes PORT1. When utilizing the
arbiter, the signal BUSY indicates data is being written
to PORT1. This BUSY output signals PORT1 activity by
driving a high output. The arbitration default is enabled;
however, the user may disable the arbiter in configura-
tion. If the arbiter is turned off, both ports could be writ-
ten at the same time and the data would be corrupt. In
this scenario, the BUSY signal will indicate a possible
error.
There is also a user option which dedicates PORT 1 to
communications to the system bus. In this mode, the
user logic only has access to PORT0 and arbitration
logic is enabled. The system bus utilizes the priority
given to it by the arbiter; therefore, the system bus will
always be able to write to the EBR.
Table 9. RAM Signals
Port Signals
I/O
Function
PORT 0
AR0[#:0]
I
Address to be read.
AW0[#:0]
I
Address to be written.
BW0<1:0>
I
Byte-write enable.
Byte = 8 bits + parity bit.
<1> = bits[17, 15:9] <0> = bits[16, 7:0]
CKR0
I
Positive-edge asynchronous read clock.
CKW0
I
Positive-edge synchronous write clock.
CSR0
I
Enables read to output. Active-high.
CSW0
I
Enables write to occur. Active-high.
D [#:0]
I
Input data to be written to RAM.
Q [#:0]
O
Output data of memory contents at referenced address.
PORT 1
AR1[#:0]
I
Address to be read.
AW1[#:0]
I
Address to be written.
BW1<1:0>
I
Byte-write enable.
Byte = 8 bits + parity bit.
<1> = bits[17, 15:9] <0> = bits[16, 7:0]
CKR1
I
Positive-edge asynchronous read clock.
CKW1
I
Positive-edge synchronous write clock.
CSR1
I
Enables read to output. Active-high.
CSW1
I
Enables write to occur. Active-high.
D [#:0]
I
Input data to be written to RAM.
Q [#:0]
O
Output data of memory contents at referenced address.
Control
BUSY
O
PORT1 writing. Active-high.
RESET
I
Data output registers cleared. Memory contents unaffected. Active-low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com