Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3C80 Datasheet(PDF) 89 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 89 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 85Page - Agere Systems OR3C80 Datasheet HTML 86Page - Agere Systems OR3C80 Datasheet HTML 87Page - Agere Systems OR3C80 Datasheet HTML 88Page - Agere Systems OR3C80 Datasheet HTML 89Page - Agere Systems OR3C80 Datasheet HTML 90Page - Agere Systems OR3C80 Datasheet HTML 91Page - Agere Systems OR3C80 Datasheet HTML 92Page - Agere Systems OR3C80 Datasheet HTML 93Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 210 page
background image
Lucent Technologies Inc.
89
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Configuration Data Format
The
ORCA Foundry Development System interfaces
with front-end design entry tools and provides tools to
produce a fully configured FPGA. This section dis-
cusses using the
ORCA Foundry Development System
to generate configuration RAM data and then provides
the details of the configuration frame format.
The
ORCA OR3Cxx and OR3Txxx Series FPGAs are
bit stream compatible.
Using
ORCA Foundry to Generate
Configuration RAM Data
The configuration data bit stream defines the I/O func-
tionality, logic, and interconnections within the FPGA.
The bit stream is generated by the development sys-
tem. The bit stream created by the bit stream genera-
tion tool is a series of 1s and 0s used to write the FPGA
configuration RAM. It can be loaded into the FPGA
using one of the configuration modes discussed later.
In the bit stream generator, the designer selects
options that affect the FPGA’s functionality. Using the
output of the bit stream generator, circuit_name.bit,
the development system’s download tool can load the
configuration data into the
ORCA series FPGA evalua-
tion board from a PC or workstation.
Alternatively, a user can program a PROM (such as a
Serial ROM or a standard EPROM) and load the FPGA
from the PROM. The development system’s PROM
programming tool produces a file in .mks or .exo for-
mat.
Configuration Data Frame
Configuration data can be presented to the FPGA in
two frame formats: autoincrement and explicit. A
detailed description of the frame formats is shown in
Figure 52, Figure 53, and Table 32. The two modes are
similar except that autoincrement mode uses assumed
address incrementation to reduce the bit stream size,
and explicit mode requires an address for each data
frame. In both cases, the header frame begins with a
series of 1s and a preamble of 0010, followed by a
24-bit length count field representing the total number
of configuration clocks needed to complete the loading
of the FPGAs.
Following the header frame is a mandatory ID frame.
(Note that the ID frame was optional in the
ORCA 2C
and 2C/TxxA Series.)
The ID frame contains data used to determine if the bit
stream is being loaded to the correct type of
ORCA
FPGA (i.e., a bit stream generated for an OR3C55 is
being sent to an OR3C55). Error checking is always
enabled for Series 3 devices, through the use of an
8-bit checksum. One bit in the ID frame also selects
between the autoincrement and explicit address modes
for this load of the configuration data.
A configuration data frame follows the ID frame. A data
frame starts with a 01-start bit pair and ends with
enough 1-stop bits to reach a byte boundary. If using
autoincrement configuration mode, subsequent data
frames can follow. If using explicit mode, one or more
address frames must follow each data frame, telling the
FPGA at what addresses the preceding data frame is
to be stored (each data frame can be sent to multiple
addresses).
Following all data and address frames is the postam-
ble. The format of the postamble is the same as an
address frame with the highest possible address value
with the checksum set to all ones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com