Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3C80 Datasheet(PDF) 59 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 59 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 55Page - Agere Systems OR3C80 Datasheet HTML 56Page - Agere Systems OR3C80 Datasheet HTML 57Page - Agere Systems OR3C80 Datasheet HTML 58Page - Agere Systems OR3C80 Datasheet HTML 59Page - Agere Systems OR3C80 Datasheet HTML 60Page - Agere Systems OR3C80 Datasheet HTML 61Page - Agere Systems OR3C80 Datasheet HTML 62Page - Agere Systems OR3C80 Datasheet HTML 63Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 210 page
background image
Lucent Technologies Inc.
59
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Special Function Blocks (continued)
The external test (EXTEST) instruction allows the inter-
connections between ICs in a system to be tested for
opens and stuck-at faults. If an EXTEST instruction is
performed for the system shown in Figure 36, the con-
nections between U1 and U2 (shown by nets a, b, and
c) can be tested by driving a value onto the given nets
from one device and then determining whether the
same value is seen at the other device. This is deter-
mined by shifting 2 bits of data for each pin (one for the
output value and one for the 3-state value) through the
BSR until each one aligns to the appropriate pin. Then,
based upon the value of the 3-state signal, either the
I/O pad is driven to the value given in the BSR, or the
BSR is updated with the input value from the I/O pad,
which allows it to be shifted out TDO.
The SAMPLE/PRELOAD instruction is useful for sys-
tem debugging and fault diagnosis by allowing the data
at the FPGA’s I/Os to be observed during normal
operation or written during test operation. The data for
all of the I/Os is captured simultaneously into the BSR,
allowing them to be shifted-out TDO to the test host.
Since each I/O buffer in the PICs is bidirectional, two
pieces of data are captured for each I/O pad: the value
at the I/O pad and the value of the 3-state control sig-
nal. For preload operation, data is written from the BSR
to all of the I/Os simultaneously.
There are five
ORCA-defined instructions. The PLC
scan rings 1 and 2 (PSR1, PSR2) allow user-defined
internal scan paths using the PLC latches/FFs. The
RAM_Write Enable (RAM_W) instruction allows the
user to serially configure the FPGA through TDI. The
RAM_Read Enable (RAM_R) allows the user to read
back RAM contents on TDO after configuration. The
IDCODE instruction allows the user to capture a 32-bit
identification code that is unique to each device and
serially output it at TDO. The IDCODE format is shown
in Table 14.
Table 14. Boundary-Scan ID Code
* PLC array size of FPGA, reverse bit order.
Note: Table assumes version 0.
Device
Version
(4 bits)
Part*
(10 bits)
Family
(6 bits)
Manufacturer
(11 bits)
LSB
(1 bit)
OR3T20
0000
0011000000 110000
00000011101
1
OR3T30
0000
0111000000 110000
00000011101
1
OR3C/T55
0000
0100100000 110000
00000011101
1
OR3C/T80
0000
0110100000 110000
00000011101
1
OR3T125
0000
0011100000 110000
00000011101
1
OR3T165
0000
0000010000 110000
00000011101
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com