Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3C80 Datasheet(PDF) 14 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 14 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 10Page - Agere Systems OR3C80 Datasheet HTML 11Page - Agere Systems OR3C80 Datasheet HTML 12Page - Agere Systems OR3C80 Datasheet HTML 13Page - Agere Systems OR3C80 Datasheet HTML 14Page - Agere Systems OR3C80 Datasheet HTML 15Page - Agere Systems OR3C80 Datasheet HTML 16Page - Agere Systems OR3C80 Datasheet HTML 17Page - Agere Systems OR3C80 Datasheet HTML 18Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 210 page
background image
14
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Logic Cells (continued)
Table 4. Control Input Functionality
Mode
CLK
LSR
CE
ASWE
SEL
Logic
CLK to all latches/
FFs
LSR to all latches/
FFs, enabled per nib-
ble and for ninth FF
CE to all latches/FFs,
selectable per nibble
and for ninth FF
CE to all latches/FFs,
selectable per nibble
and for ninth FF
Select between LUT
input and direct input
for eight latches/FFs
Half Logic/
Half Ripple
CLK to all latches/
FFs
LSR to all latches/FF,
enabled per nibble
and for ninth FF
CE to all latches/FFs,
selectable per nibble
and for ninth FF
Ripple logic control
input
Select between LUT
input and direct input
for eight latches/FFs
Ripple
CLK to all latches/
FFs
LSR to all latches/
FFs, enabled per nib-
ble and for ninth FF
CE to all latches/FFs,
selectable per nibble
and for ninth FF
Ripple logic control
input
Select between LUT
input and direct input
for eight latches/FFs
Memory
(RAM)
CLK to RAM
Port enable 2
Port enable 1
Write enable
Not used
Memory
(ROM)
Optional for sync.
outputs
Not used
Not used
Not used
Not used
Logic Mode
The PFU diagram of Figure 3 represents the logic
mode of operation. In logic mode, the eight LUTs are
used individually or in flexible groups to implement user
logic functions. The latches/FFs may be used in con-
junction with the LUTs or separately with the direct
PFU data inputs. There are three basic submodes of
LUT operation in PFU logic mode: F4 mode, F5 mode,
and softwired LUT (SWL) mode. Combinations of these
submodes are possible in each PFU.
F4 mode, shown simplified in Figure 4, illustrates the
uses of the basic 4-input LUTs in the PFU. The output
of an F4 LUT can be passed out of the PFU, captured
at the LUTs associated latch/FF, or multiplexed with the
adjacent F4 LUT output using one of the F5[A:D] inputs
to the PFU. Only adjacent LUT pairs (K0 and K1, K2
and K3, K4 and K5, K6 and K7) can be multiplexed, and
the output always goes to the even-numbered output of
the pair.
The F5 submode of the LUT operation, shown simpli-
fied in Figure 4, indicates the use of 5-input LUTs to
implement logic. 5-input LUTs are created from two
4-input LUTs and a multiplexer. The F5 LUT is the
same as the multiplexing of two F4 LUTs described
previously with the constraint that the inputs to the F4
LUTs be the same. The F5[A:D] input is then used as
the fifth LUT input. The equations for the two F4 LUTs
will differ by the assumed value for the F5[A:D] input,
one F4 LUT assuming that the F5[A:D] input is zero,
and the other assuming it is a one. The selection of the
appropriate F4 LUT output in the F5 MUX by the
F5[A:D] signal creates a 5-input LUT. Any combination
of F4 and F5 LUTs is allowed per PFU using the eight
16-bit LUTs. Examples are eight F4 LUTs, four F5
LUTs, and a combination of four F4 plus two F5 LUTs.
5-5970(F)
Figure 4. Simplified F4 and F5 Logic Modes
K7
F7
K7
F6
K6
F5D
K6
F6
K5
F5
K5
F4
K4
F5C
K4
F4
K3
F3
K3
F2
K2
F5B
K2
F2
K1
F1
K1
F0
K0
F5A
K0
F0
K7/K6
F6
K5/K4
F4
K3/K2
F2
K1/K0
F0
F5 MODE
MULTIPLEXED F4 MODE
F4 MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com