Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3C80 Datasheet(PDF) 28 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 28 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 24Page - Agere Systems OR3C80 Datasheet HTML 25Page - Agere Systems OR3C80 Datasheet HTML 26Page - Agere Systems OR3C80 Datasheet HTML 27Page - Agere Systems OR3C80 Datasheet HTML 28Page - Agere Systems OR3C80 Datasheet HTML 29Page - Agere Systems OR3C80 Datasheet HTML 30Page - Agere Systems OR3C80 Datasheet HTML 31Page - Agere Systems OR3C80 Datasheet HTML 32Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 210 page
background image
28
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Logic Cells (continued)
General Routing Structure
Routing resources in Series 3 FPGAs generally consist of routing segments in groups of ten, with varying lengths
and connectivity to logic and other routing resources. The varying lengths of routing segments provides a hierarchy
of routing capability from chip-length routes to routes within a PLC. The hierarchical nature of the routing provides
the
ORCA Foundry development tools with the necessary resources to route a design completely and to optimize
the routing for system speed while reducing the overall power required by the device.
Within each group of ten routing segments there is an equivalency of connectivity between pairs of segments.
These pairs are segments: [0, 4] and [1, 5] and [2, 6] and [3, 7] and [8, 9]. The equivalency in connectivity ensures
that signals on either segment in a pair have the same capability to get to a given destination. This, in turn, allows
for signal distribution from a source to varying destinations without using special routing. It also provides for routing
flexibility by ensuring that one segment position will not become so congested as to preclude routing a bus or group
of signals and allows easy connectivity from either of the twin quads in a source PFU to either of the twin quads in
any destination PFU.
Having ten segments in a group is significant in that it provides for routing a byte of data and two control signals or
parity. Due to the equivalent pairs of segments, this can also be viewed as routing two nibbles each with a control
signal. Figure 19 is an overview of the routing for a single PLC.
5-5766(F)
Figure 19. Single PLC View of Inter-PLC Route Segments
2 OF 5
LINE-BY-LINE
FINS
PFU
OUTPUT
SLIC
SWITCHING
SUR[9:0]
hxH[9:0]
hx1U[9:0]
hCK
FC
SLL[9:0]
hx1B[9:0]
hx5[9:0]
hxL[9:0]
BR[9:0]
SUL[9:0]
BL[9:0]
FC
SUL[9:0]
BR[9:0]
LCK
SLL[9:0]
FC
SLR[9:0]
5
2
5
2
5
2
KEY: CONFIGURABLE SIGNAL LINE BREAKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com