Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3C80 Datasheet(PDF) 72 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 72 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 68Page - Agere Systems OR3C80 Datasheet HTML 69Page - Agere Systems OR3C80 Datasheet HTML 70Page - Agere Systems OR3C80 Datasheet HTML 71Page - Agere Systems OR3C80 Datasheet HTML 72Page - Agere Systems OR3C80 Datasheet HTML 73Page - Agere Systems OR3C80 Datasheet HTML 74Page - Agere Systems OR3C80 Datasheet HTML 75Page - Agere Systems OR3C80 Datasheet HTML 76Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 210 page
background image
72
72
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Clock Manager (PCM)
The
ORCA programmable clock manager (PCM) is a
special function block that is used to modify or condi-
tion clock signals for optimum system performance.
Some of the functions that can be performed with the
PCM
are clock skew reduction (both internal and board
level), duty-cycle adjustment, clock delay reduction,
clock phase adjustment, and clock frequency multipli-
cation/division. Due to the different capabilities required
by customer application, each PCM contains both a
PLL (phase-locked loop) and a DLL (delayed-locked
loop) mode. By using PLC logic resources in conjunc-
tion with the PCM, many other functions, such as fre-
quency synthesis, are possible.
There are two PCMs on each Series 3 device, one in
the lower left corner and one in the upper right corner.
Each can drive two different, but interrelated clock net-
works inside the FPGA. Each PCM can take a clock
input from the ExpressCLK pad in its corner or from
general routing resources. There are also two input
sources that provide feedback to the PCM from the
PLC array. One of these is a dedicated corner Express-
CLK
feedback, and the other is from general routing.
Each PCM sources two clock outputs, one to the corner
ExpressCLK
that feeds the CLKCNTRL blocks on the
two sides adjacent to the PCM, and one to the system
clock spine network through general routing. Figure 45
shows a high-level block diagram of the PCM.
Functionality of the PCM is programmed during opera-
tion through a read/write interface internal to the FPGA
array or via the configuration bit stream. The internal
FPGA interface comprises write enable and read
enable signals, a 3-bit address bus, an 8-bit input (to
the PCM) data bus, and an 8-bit output data bus. There
is also a PCM output signal, LOCK, that indicates a sta-
ble output clock state. These signals are used to pro-
gram a series of registers to configure the PCM
functional core for the desired functionality.
Operation of the PCM is divided into two modes, delay-
locked loop (DLL) and phase-locked loop (PLL). Some
operations can be performed by either mode and some
are specific to a particular mode. These will be
described in each individual mode section. In general,
DLL mode is preferable to PLL mode for the same func-
tion because it is less sensitive to input clock noise.
In the discussions that follow, the duty cycle is the per-
cent of the clock period during which the output clock is
high.
5-5828(F)
Figure 45. PCM Block Diagram
USER CONTROL SIGNALS
PCM-FPGA
INTERFACE
PCM CORE
FUNCTIONS
CORNER EXPRESSCLK IN
GENERAL CLOCKIN
FEEDBACK
ExpressCLK
FEEDBACK CLOCK
FROM ROUTING
EXPRESSCLK OUT
SYSTEM CLOCK OUT
(FROM GENERAL ROUTING)
(TO GENERAL ROUTING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com