Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3C80 Datasheet(PDF) 73 Page - Agere Systems

Part # OR3C80
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C80 Datasheet(HTML) 73 Page - Agere Systems

Back Button OR3C80 Datasheet HTML 69Page - Agere Systems OR3C80 Datasheet HTML 70Page - Agere Systems OR3C80 Datasheet HTML 71Page - Agere Systems OR3C80 Datasheet HTML 72Page - Agere Systems OR3C80 Datasheet HTML 73Page - Agere Systems OR3C80 Datasheet HTML 74Page - Agere Systems OR3C80 Datasheet HTML 75Page - Agere Systems OR3C80 Datasheet HTML 76Page - Agere Systems OR3C80 Datasheet HTML 77Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 210 page
background image
Lucent Technologies Inc.
73
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Clock Manager (PCM) (continued)
PCM Registers
The PCM contains eight user-programmable registers used for configuring the PCM’s functionality. Table 26 shows
the mapping of the registers and their functions. See Figure 46 for more information on the location of PCM ele-
ments that are discussed in the table. The PCM registers are referenced in the discussions that follow. Detailed
explanations of all register bits are supplied following the functional description of the PCM.
Table 26. PCM Registers
Address
Function
0
Divider 0 Programming. Programmable divider, DIV0, value and DIV0 reset bit. DIV0 can
divide the input clock to the PCM or can be bypassed.
1
Divider 1 Programming. Programmable divider, DIV1, value and DIV1 reset bit. DIV1 can
divide the feedback clock input to the PCM or can be bypassed. Valid only in PLL mode.
2
Divider 2 Programming. Programmable divider, DIV2, value and DIV2 reset bit. DIV2 can
divide the output of the tapped delay line or can be bypassed and is only valid for the
ExpressCLK
output.
3
DLL 2x Duty-Cycle Programming. DLL mode clock doubler (2x) duty-cycle selection.
4
DLL 1x Duty-Cycle Programming. Depending on the settings in other registers, this regis-
ter is for:
a. PLL mode phase/delay selection;
b. DLL mode 1x duty cycle selection; and
c. DLL mode programmable delay.
5
Mode Programming. DLL/PLL mode selection, DLL 1x/2x clock selection, phase detector
feedback selection.
6
Clock Source Status/Output Clock Selection Programming. Input clock selection, feed-
back clock selection, ExpressCLK output source selection, system clock output source selec-
tion.
7
PCM Control Programming. PCM power, reset, and configuration control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com