Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6482H Datasheet(PDF) 56 Page - STMicroelectronics

Part # L6482H
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482H Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L6482H Datasheet HTML 52Page - STMicroelectronics L6482H Datasheet HTML 53Page - STMicroelectronics L6482H Datasheet HTML 54Page - STMicroelectronics L6482H Datasheet HTML 55Page - STMicroelectronics L6482H Datasheet HTML 56Page - STMicroelectronics L6482H Datasheet HTML 57Page - STMicroelectronics L6482H Datasheet HTML 58Page - STMicroelectronics L6482H Datasheet HTML 59Page - STMicroelectronics L6482H Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
Programming manual
L6482
56/73
Doc ID 023768 Rev 2
The SW_MODE bit sets the external switch to act as HardStop interrupt or not:
Table 35.
Oscillator management
EXT_CLK
OSC_SEL[2..0]
Clock source
OSCIN
OSCOUT
0
000
Internal oscillator: 16 MHz
Unused
Unused
0
001
0
010
0
011
1
0
0
0
Internal oscillator: 16 MHz
Unused
Supplies a 2-MHz
clock
1
0
0
1
Internal oscillator: 16 MHz
Unused
Supplies a 4-MHz
clock
1
0
1
0
Internal oscillator: 16 MHz
Unused
Supplies an 8-MHz
clock
1
0
1
1
Internal oscillator: 16 MHz
Unused
Supplies a 16-MHz
clock
0
100
External crystal or
resonator: 8 MHz
Crystal/resonator
driving
Crystal/resonator
driving
0
101
External crystal or
resonator: 16 MHz
Crystal/resonator
driving
Crystal/resonator
driving
0
110
External crystal or
resonator: 24 MHz
Crystal/resonator
driving
Crystal/resonator
driving
0
111
External crystal or
resonator: 32 MHz
Crystal/resonator
driving
Crystal/resonator
driving
1
100
Ext. clock source: 8 MHz
(crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
1
101
Ext. clock source: 16 MHz
(crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
1
110
Ext. clock source: 24 MHz
(crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
1
111
Ext. clock source: 32 MHz
(crystal/resonator driver
disabled)
Clock source
Supplies inverted
OSCIN signal
Table 36.
External switch HardStop interrupt mode
SW_MODE
Switch mode
0
HardStop interrupt
1
User disposal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com