Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6482H Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6482H
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482H Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6482H Datasheet HTML 14Page - STMicroelectronics L6482H Datasheet HTML 15Page - STMicroelectronics L6482H Datasheet HTML 16Page - STMicroelectronics L6482H Datasheet HTML 17Page - STMicroelectronics L6482H Datasheet HTML 18Page - STMicroelectronics L6482H Datasheet HTML 19Page - STMicroelectronics L6482H Datasheet HTML 20Page - STMicroelectronics L6482H Datasheet HTML 21Page - STMicroelectronics L6482H Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 73 page
background image
Typical applications
L6482
18/73
Doc ID 023768 Rev 2
5
Typical applications
Figure 3.
Typical application schematic
Table 7.
Typical application values
Name
Value
CVSPOL
220 µF
CVS
220 nF
CBOOT
470 nF
CFLY
47 nF
CVSREG
100 nF
CVCC
470 nF
CVCCREG
100 nF
CVREG
100 nF
CVREGPOL
22 µF
CVDD
100 nF
D1
Charge pump diodes
Q1,Q2,Q3,Q4,Q5,Q6,Q7
,Q8
STD25NF10
RPU
39 k
Ω
RSENSE
0.2
Ω (maximum phase current 5 A)
CK
SDO
SDI
SW
STCK
DGND
VDD
ADCIN
Analog signal
VCC
CP VBOOT
PGND
VS
STBY/RESET
FLAG
CS
BUSY/SYNC
HVGA1
L VGA1
LVGA2
HVGA2
HV GB1
LVGB1
OUTA1
OUTA2
OUTB1
LVGB2
HVGB2
SENSEB
OUTB2
SENSEA
AGND
VSREG
VCCREG
OSCIN
OSCOUT
VREG
L6482
CFLY
C
VS
CVCC
C
VCCREG
CVDD
CVSREG
CBOOT
C
VSPOL
V S
C VREG
CVREGPOL
(10.5V - 85V )
D1
Q1
Q2
Q4
Q3
RSENSE
RSENSE
Q5
Q6
Q8
Q7
Motor
RPU
RPU
HOST
AM15033v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com