Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6482H Datasheet(PDF) 43 Page - STMicroelectronics

Part # L6482H
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482H Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L6482H Datasheet HTML 39Page - STMicroelectronics L6482H Datasheet HTML 40Page - STMicroelectronics L6482H Datasheet HTML 41Page - STMicroelectronics L6482H Datasheet HTML 42Page - STMicroelectronics L6482H Datasheet HTML 43Page - STMicroelectronics L6482H Datasheet HTML 44Page - STMicroelectronics L6482H Datasheet HTML 45Page - STMicroelectronics L6482H Datasheet HTML 46Page - STMicroelectronics L6482H Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
L6482
Programming manual
Doc ID 023768 Rev 2
43/73
9
Programming manual
9.1
Register and flag description
Table 11 shows the user registers available (a detailed description can be found in the
respective paragraphs):
Table 11.
Register map
Address
[Hex]
Register name
Register function
Len.
[bit]
Reset
Hex
Reset
value
Remarks
(1)
h01
ABS_POS
Current position
22
000000 0
R, WS
h02
EL_POS
Electrical position
9
000
0
R, WS
h03
MARK
Mark position
22
000000 0
R, WR
h04
SPEED
Current speed
20
00000
0 step/tick (0 step/s)
R
h05
ACC
Acceleration
12
08A
125.5e-12 step/tick2 (2008
step/s2)
R, WS
h06
DEC
Deceleration
12
08A
125.5e-12 step/tick2 (2008
step/s2)
R, WS
h07
MAX_SPEED
Maximum speed
10
041
248e-6 step/tick (991.8 step/s)
R, WR
h08
MIN_SPEED
Minimum speed
12
000
0 step/tick (0 step/s)
R, WS
h15
FS_SPD
Full-step speed
10
027
150.7e-6 step/tick (602.7
step/s)
R, WR
h09
TVAL_HOLD
Holding reference
voltage
7
29
328 mV
R, WR
h0A
TVAL_RUN
Constant speed
reference voltage
7
29
328 mV
R, WR
h0B
TVAL_ACC
Acceleration starting
reference voltage
7
29
328 mV
R, WR
h0C
TVAL_DEC
Deceleration starting
reference voltage
7
29
328 mV
R, WR
h0D
RESERVED
-
16
-
-
-
h0E
T_FAST
Fast decay settings
8
19
1 us / 5 us
R, WH
h0F
TON_MIN
Minimum on-time
8
29
20.5 us
R, WH
h10
TOFF_MIN
Minimum off-time
8
29
20.5 us
R, WH
h11
RESERVED
-
8
-
-
-
h12
ADC_OUT
ADC output
5
XX(2)
0R
h13
OCD_TH
OCD threshold
5
8
281.25 mV
R, WR
h14
RESERVED
-
8
-
-
-
h16
STEP_MODE
Step mode
8
7
16
μsteps, SYNC mode
disabled
R, WH
h17
ALARM_EN
Alarms enabled
8
FF
All alarms enabled
R, WS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com