Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6482H Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6482H
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482H Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6482H Datasheet HTML 16Page - STMicroelectronics L6482H Datasheet HTML 17Page - STMicroelectronics L6482H Datasheet HTML 18Page - STMicroelectronics L6482H Datasheet HTML 19Page - STMicroelectronics L6482H Datasheet HTML 20Page - STMicroelectronics L6482H Datasheet HTML 21Page - STMicroelectronics L6482H Datasheet HTML 22Page - STMicroelectronics L6482H Datasheet HTML 23Page - STMicroelectronics L6482H Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Functional description
L6482
20/73
Doc ID 023768 Rev 2
Figure 4.
Charge pump circuitry
6.4
Microstepping
The driver is able to divide the single step into up to 16 microsteps. Stepping mode can be
programmed by the STEP_SEL parameter in the STEP_MODE register (Table 22).
Step mode can only be changed when bridges are disabled. Every time the step mode is
changed, the electrical position (i.e. the point of microstepping sinewave that is generated)
is reset to the first microstep and the absolute position counter value (Section 6.5) becomes
meaningless.
Figure 5.
Normal mode and microstepping (16 microsteps)
V
S
V
S + VCP
D1
D2
V
CP
f
PUMP
to high-side
gate drivers
V
S + VCP
V
D1
C
BOOT
C
FLY
D1
D2
VBOOT
CP
VDD
V
V
Charge pump oscillator
AM15034v1
step 1
step 1
step 2 step 3step 4
step 1
Reset
position
step 1
step 2 step 3step 4
Normal driving
Microstepping
PHASE A current
PHASE B current
PHASE A current
PHASE B current
microsteps
16
16
microsteps
16
16
Reset
position
microsteps microsteps microsteps
AM15035v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com