Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6482H Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6482H
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482H Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6482H Datasheet HTML 7Page - STMicroelectronics L6482H Datasheet HTML 8Page - STMicroelectronics L6482H Datasheet HTML 9Page - STMicroelectronics L6482H Datasheet HTML 10Page - STMicroelectronics L6482H Datasheet HTML 11Page - STMicroelectronics L6482H Datasheet HTML 12Page - STMicroelectronics L6482H Datasheet HTML 13Page - STMicroelectronics L6482H Datasheet HTML 14Page - STMicroelectronics L6482H Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 73 page
background image
L6482
Electrical characteristics
Doc ID 023768 Rev 2
11/73
3
Electrical characteristics
VS = 48 V; VCC = 7.5 V; Tj = 25 °C, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit
General
VCCthOn
VCC UVLO turn-on threshold
UVLO_VAL set high(1)
9.9
10.4
10.9
V
UVLO_VAL set low(1)
6.5
6.9
7.3
V
VCCthOff
VCC UVLO turn-off threshold
UVLO_VAL set high(1)
9.5
10
10.5
V
UVLO_VAL set low(1)
5.9
6.3
6.7
V
ΔVBOOTthOn VBOOT - VS UVLO turn-on threshold
UVLO_VAL set high(1)
8.6
9.2
9.8
V
UVLO_VAL set low(1)
5.7
6
6.3
V
ΔVBOOTthOff VBOOT - VS UVLO turn-off threshold
UVLO_VAL set high(1)
8.2
8.8
9.5
V
UVLO_VAL set low(1)
5.3
5.5
5.8
V
VREGthOn
VREG turn-on threshold
(1)
2.8
3
3.18
V
VREGthOff
VREG turn-off threshold
(1)
2.2
2.4
2.5
V
IVSREGqu
Undervoltage VSREG quiescent supply
current
VCCREG= VREG< 2.2 V
40
μA
IVSREGq
Quiescent VSREG supply current
VCCREG= VREG< 3.3 V,
internal oscillator
selected(1)
3.8
mA
IVSREGq
Quiescent VSREG supply current
VCCREG = VREG = 15V
6.5
mA
Thermal protection
Tj(WRN)Set
Thermal warning temperature
135
°C
Tj(WRN)Rec
Thermal warning recovery temperature
125
°C
Tj(OFF)Set
Thermal bridge shutdown temperature
155
°C
Tj(OFF)Rec
Thermal bridge shutdown recovery
temperature
145
°C
Tj(SD)Set
Thermal device shutdown temperature
170
°C
Tj(SD)Rec
Thermal device shutdown recovery
temperature
130
°C
Charge pump
Vpump
Voltage swing for charge pump oscillator
VCC
V
fpump,min
Minimum charge pump oscillator frequency(2)
660
kHz
fpump,max
Maximum charge pump oscillator
frequency(2)
800
kHz
RpumpHS
Charge pump high-side RDS(on) resistance
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com