Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6482H Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6482H
Description  cSPIN?? microstepping motor controller with motion engine and SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6482H Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6482H Datasheet HTML 33Page - STMicroelectronics L6482H Datasheet HTML 34Page - STMicroelectronics L6482H Datasheet HTML 35Page - STMicroelectronics L6482H Datasheet HTML 36Page - STMicroelectronics L6482H Datasheet HTML 37Page - STMicroelectronics L6482H Datasheet HTML 38Page - STMicroelectronics L6482H Datasheet HTML 39Page - STMicroelectronics L6482H Datasheet HTML 40Page - STMicroelectronics L6482H Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
L6482
Phase current control
Doc ID 023768 Rev 2
37/73
Figure 19.
Adaptive decay - fast decay tuning
When two or more fast decays are performed with the present target current, the control
system adds a fast decay at the end of every off-time keeping the OFF state duration
constant (tOFF is split into tOFF, SLOW and tOFF, FAST). When the current threshold is
increased by a microstep change (rising step), the system returns to normal decay mode
(slow decay only) and the tFAST value is halved.
Stopping the motor or reaching the current sinewave zero crossing causes the current
control system to return to the reset state.
reference current
1st fast decay:
Tfast = TOFF_FAST/8
2nd fast decay (*):
Tfast = TOFF_FAST/4
(*)Note: starting from 2nd fast decay the system combines
fast and slow decay during the OFF phase.
3rd fast decay:
Tfast = TOFF_FAST/2
Ton > TON_MIN
Tfast = TOFF_FAST/2
AM15050v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com