Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5906ACPZN-R7
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5906ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
ADL5906
Rev. 0 | Page 9 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
VPOS1 = VPOS2 = 5 V, single-ended input drive, VRMS connected to VSET, VTGT = 0.8 V, CRMS = 0.1 µF, TA = +25°C (green),
−55°C (light blue), −40°C (blue), +85°C (red), +105°C (orange), and +125°C (black), where appropriate. Error referred to slope
and intercept at indicated calibration points. Input RF signal is a sine wave (CW), unless otherwise indicated.
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
10
100MHz TO 1GHz
20MHz
10MHz
PIN (dBm)
2GHz
3GHz
4GHz
5GHz
6GHz
7GHz
8GHz
9GHz
10GHz
Figure 3. Typical VRMS vs. Input Power (dBm) vs. Frequency
(10 MHz to 10 GHz) at 25°C
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
CW
QPSK PEP = 3.8dB
16 QAM PEP = 6.3dB
64 QAM PEP = 7.4dB
Figure 4. Error from CW Linear Reference vs. Signal Modulation
(QPSK, 16 QAM, 64 QAM), Frequency = 900 MHz, CRMS = 0.1 µF,
Three Point Calibration at 0 dBm, −40 dBm, and −55 dBm
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
CW
CDMA 2000 PEP = 11.02dB
1C W-CDMA PEP = 10.56dB
4C W-CDMA PEP = 12.08dB
Figure 5. Error from CW Linear Reference vs. Signal Modulation (CDMA 2000,
One-Carrier W-CDMA, Four-Carrier W-CDMA), Frequency = 2.14 GHz,
CRMS = 0.1 µF, Three Point Calibration at 0 dBm, −40 dBm, and −55 dBm
–20dBm
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.01
0.1
1
10
FREQUENCY (GHz)
–50dBm
–10dBm
0dBm
–30dBm
–40dBm
Figure 6. Typical VRMS vs. Frequency for Six RF Input Levels
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
CW
QPSK PEP = 3.8dB
16 QAM PEP = 6.3dB
64 QAM PEP = 7.4dB
Figure 7. Error from CW Linear Reference vs. Signal Modulation
(QPSK, 16 QAM, 64 QAM), Frequency = 2.14 GHz, CRMS = 0.1 µF,
Three Point Calibration at 0 dBm, −40 dBm, and −55 dBm
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
0
0.5
1.0
1.5
2
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–65
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
CW
LTE TM1 1CR 20MHz PEP = 11.58dB
Figure 8. Error from CW Linear Reference vs. Signal Modulation
(LTE TM1 One-Carrier, 20 MHz), Frequency = 2.14 GHz, CRMS = 0.1 µF,
Three Point Calibration at 0 dBm, −40 dBm, and −55 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com