Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5906ACPZN-R7
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5906ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADL5906
Data Sheet
Rev. 0 | Page 16 of 32
THEORY OF OPERATION
The ADL5906 is functionally nearly identical to the ADL5902
but has a broader frequency range (10 MHz to 10 GHz). It is a
true rms responding detector with a 67 dB measurement range
at 2.14 GHz and a greater than 57 dB measurement range at
frequencies up to 5.8 GHz. It is pin compatible with the ADL5902
and AD8363. Transfer function peak-to-peak ripple is <±0.3 dB
over the entire dynamic range. Temperature stability of the rms
output measurements provides <±1 dB error typical over the
temperature range of −40°C to +125°C up to 3.5 GHz. The device
accurately measures waveforms that have a high peak-to-rms
ratio (crest factor).
The ADL5906 consists of a high performance automatic gain
control (AGC) loop. As shown in Figure 41, the AGC loop
comprises a wide bandwidth variable gain amplifier (VGA), square
law detectors, an amplitude target circuit, and an output driver.
The nomenclature used in this data sheet to distinguish between a
pin name and the signal on that pin is as follows:
•
The pin name is all uppercase, for example, CRMS, VSET,
and VRMS.
•
The signal name or a value associated with that pin is the
pin mnemonic with a partial subscript, for example, CRMS,
VSET, and VRMS.
SQUARE LAW DETECTOR AND AMPLITUDE TARGET
The VGA gain has the form
GSET = GO e
)
/
(
GNS
SET
V
V
−
(1)
where:
GO is the basic fixed gain.
VGNS is a scaling voltage that defines the gain slope (the decibel
change per voltage). The gain decreases with increasing VSET.
The VGA output is
VSIG = GSET × RFIN = GO × RFIN e
)
/
(
GNS
SET
V
V
−
(2)
where RFIN is the ac voltage applied to the input terminals of the
ADL5906.
The output of the VGA, VSIG, is applied to a wideband square law
detector. The detector provides the true rms response of the RF
input signal, independent of waveform. The detector output, ISQR, is
a fluctuating current with a positive mean value. The difference
between ISQR and an internally generated current, ITGT, is integrated
by the parallel combination of CF and the external capacitor
attached to the CRMS pin at the summing node. CF is an on-chip
26 pF filter capacitor, and CRMS, the external capacitance connected
to the CRMS pin, can be used to arbitrarily increase the averaging
time while trading off with the response time. When the AGC
loop is at equilibrium
Mean(ISQR) = ITGT
(3)
This equilibrium occurs only when
Mean(VSIG2) = VTGT2
(4)
where VTGT is the voltage presented at the VTGT pin. This pin
can conveniently be connected to the VREF pin through a voltage
divider to establish a target rms voltage, VATG, of ~40 mV rms when
VTGT = 0.8 V.
Because the square law detectors are electrically identical and
well matched, process and temperature dependent variations
are effectively cancelled.
TADJ/PWDN
BAND GAP
REFERENCE
VRMS
VTEMP (1.4V)
VREF (2.3V)
ISQR
ITGT
X2
X2
GSET
CRMS
(EXTERNAL)
CF
(INTERNAL)
VSIG
VGA
SUMMING
NODE
VSET
CH
(INTERNAL)
VPOS1/VPOS2
GND1/GND2
RFIN+
RFIN–
TEMPERATURE COMPENSATION
AND BIAS
TEMPERATURE
SENSOR
VTGT
CRMS
VATG =
VTGT
20
Figure 41. Simplified Architecture Details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com