Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5906ACPZN-R7
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5906ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADL5906
Data Sheet
Rev. 0 | Page 22 of 32
Table 5. Recommended Minimum CRMS Values for Various Modulation Schemes
Modulation/Standard
Peak Envelope
Power Ratio (dB)
Carrier
Bandwidth (MHz)
CRMSMIN (nF)
Output Noise
(mV p-p)
Rise/Fall
Time (µs)
QPSK, 5 MSPS (SQR COS Filter, α = 0.35)
3.8
5
1
84
0.2/10
QPSK ,15 MSPS (SQR COS Filter, α = 0.35)
3.8
15
1
42
0.2/10
64 QAM, 1 MSPS (SQR COS Filter, α = 0.35)
7.4
1
10
265
3/85
64 QAM, 5 MSPS (SQR COS Filter, α = 0.35)
7.4
5
1
380
0.2/10
64 QAM, 13 MSPS (SQR COS Filter, α = 0.35)
7.4
13
1
205
0.2/10
W-CDMA, One-Carrier, TM1-64
10.56
3.84
1
820
0.2/10
W-CDMA Four-Carrier, TM1-64, TM1-32, TM1-16, TM1-8
12.08
18.84
1
640
0.2/10
LTE, TM1, One-Carrier, 20 MHz (2048 QPSK Subcarriers)
11.58
20
1
140
0.2/10
Table 5 shows the recommended minimum values of CRMS for
popular modulation schemes. Using lower capacitor values results
in rms measurement errors. Output response time is also shown.
If the output noise shown in Table 5 is unacceptably high, it can
be reduced by
•
Increasing CRMS
•
Implementing an averaging algorithm after the output voltage
of the ADL5906 has been sampled by an analog-to-digital
converter (ADC)
The values in Table 5 were experimentally determined to be the
minimum capacitance that ensures good rms accuracy for that
particular signal type. This test was carried out by starting out
with a large capacitance value on the CRMS pin (for example,
10 µF). The value of VRMS was noted for a fixed input power level
(for example, −10 dBm). The value of CRMS was then progressively
reduced (this can be done with press-down capacitors) until
the value of VRMS started to deviate from its original value (this
indicates that the accuracy of the rms computation is degrading
and that CRMS is becoming too small).
In general, the minimum required rms averaging capacitance
increases as the peak-to-average ratio of the carrier increases. The
minimum required CRMS also tends to increase as the bandwidth
of the carrier decreases. With narrow-band carriers, the noise
spectrum of the VRMS output tends to have a correspondingly
narrow profile. The relatively narrow spectral profile demands
a larger value of CRMS that reduces the low-pass corner frequency
of the averaging function and ensures a valid rms computation.
OUTPUT VOLTAGE SCALING
The linear output voltage range of the ADL5906 is nominally
0.3 V to 3.7 V. VRMS is clamped to a maximum voltage of ~3.9 V;
this helps improve falling edge settling speeds because the VRMS
output stays closer to the nominal linear-in-dB output range of
0.3 V to 3.7 V. Within the 0 V to 3.9 V maximum output range,
the slope can be adjusted as needed via extra resistors, as shown
in Figure 52.
If only a part of the RF input power range of the ADL5906 is
being used (for example, −10 dBm to −60 dBm), increase the
scaling so that this reduced input range fits into the available
output swing (0 V to 3.9 V) of the ADL5906.
The output swing is reduced by simply adding a voltage divider on
the output pin, as shown in the A side of Figure 52. Reducing the
output scaling can be used when interfacing the ADL5906 to an
ADC with a 0 V to 2.5 V input range.
6
7
VSET
R6
R2
VRMS
6
7
VSET
A
B
R1
R15
VRMS
Figure 52. Decreasing and Increasing Slope
The output voltage swing can be increased using a technique that is
analogous to setting the gain of an op amp in noninverting mode
(see the B side of Figure 52) with the VSET pin being the equivalent
of the inverting input of the op amp.
With VRMS connected to VSET, the nominal transfer function
of the ADL5906 is given by
VRMS = Slope × (PIN − Intercept)
For example at 3.5 GHz, with PIN equal to 0 dBm, the nominal
output voltage is equal to 0.052 V/dB × (0 dBm − (−64 dBm) =
3.328 V.
To scale this voltage downward using a resistor divider, choose a
value for R15 and calculate R1 using the following equation:


−
×
=
1
'
RMS
RMS
V
V
R15
R1
(11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com