Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5906ACPZN-R7
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5906ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 25Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 26Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADL5906
Rev. 0 | Page 23 of 32
To scale this voltage upward, choose a value for R2 and calculate
R6 using the following equation:


=
1
)
||
(
RMS
'
RMS
IN
V
V
R
R2
R6
(12)
where:
RIN is the input resistance of VSET (72 kΩ).
V'RMS is the desired maximum output voltage.
VRMS is the nominal maximum output voltage before scaling
(see Figure 9 through Figure 26).
When choosing R1, R2, R6, and R15, notice the current drive
capability of the VRMS pin and the input resistance of the VSET
pin. The choice of resistors must not be too small because this
results in excessive current drawn out of the VRMS pin (the VRMS
pin can source a maximum current of 10 mA). However, choosing
an R2 that is too large is also problematic. If the value of R2 chosen
is compatible with the input resistance of the VSET pin (72 kΩ),
this input resistance, which varies slightly from part to part,
contributes to the resulting slope and output voltage. In general,
ensure that the value of R2 is at least 10 times smaller than the
input resistance of VSET. Therefore, the values for R6 and R2
must be in the 1 kΩ to 5 kΩ range. Similar values must be used
for R1 and R15.
It is also important to take into account part-to-part and frequency
variation in output swing along with the maximum output voltage
(3.9 V) of the output stage of the ADL5906. The VRMS part-to-
part distribution is well characterized at major frequency bands
in the Typical Performance Characteristics section (see Figure 12
through Figure 14, Figure 18 through Figure 20, Figure 24, and
Figure 25). The resistor values in Table 6, which were calculated
based on 3.5 GHz operation, have been conservatively chosen so
that there is no chance that the desired output voltage swings
exceed the output swing of the ADL5906 (when scaling upward)
or the input range of a 0 V to 2.5 V ADC (when scaling down-
ward). In each case, the nominal maximum voltage that results is
100 mV below the desired maximum to account for part-to-part
variation and resistor tolerances.
Table 6. Output Voltage Range Scaling Examples at 3.5 GHz
Desired Input Range (dBm)
Slope Increase
Slope Decrease
New Slope (mV/dB)
Nominal Maximum Output Voltage (V)
R6 (Ω)
R2 (Ω)
R1 (Ω)
R15(Ω)
0 to −60
274
2000
59
3.8
−10 to −50
681
2000
70
3.8
0 to −60
787
2000
37
2.4
−10 to −50
348
2000
44
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com