Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL5906ACPZN-R7
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL5906ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 23Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 24Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Data Sheet
ADL5906
Rev. 0 | Page 21 of 32
SETTING VTGT
As described in the Theory of Operation section, setting the
voltage on VTGT to 0.8 V represents a compromise between
achieving excellent rms accuracy and maximizing dynamic range.
The voltage on VTGT can be derived from the VREF pin using
a resistor divider, as shown Figure 51. Like the resistors chosen
to set the VTADJ voltage, the resistors setting VTGT must have
reasonable values that do not pull too much current from VREF
or cause bias current errors. In addition, note the combined current
that VREF must deliver to generate the VTADJ and VTGT voltages.
The values shown in Figure 51 and Table 4 result in a maximum
VREF current of 1.7 mA. This current is well below the
maximum specified VREF current of 4 mA.
CHOOSING A VALUE FOR CRMS
CRMS provides the averaging function for the internal rms
computation. Using the minimum value for CRMS allows the
quickest response time to a pulsed waveform but leaves significant
output noise on the output voltage signal. By the same token, a
large filter capacitor reduces output noise but at the expense of
response time.
In applications where response time is not critical, a relatively large
capacitor can be placed on the CRMS pin. In Figure 51, a value
of 0.1 µF is used. For most signal modulation schemes, this value
ensures excellent rms measurement compliance and low residual
output noise. There is no maximum capacitance limit for CRMS.
Figure 50 shows how output noise varies with CRMS when the
ADL5906 is driven by a single-carrier W-CDMA signal (Test
Model TM1-64, peak envelope power = 10.56 dB, bandwidth =
3.84 MHz).
0.1
1
10
100
1000
10000
100000
1000000
0
50
100
150
200
250
300
350
1
10
100
1000
10000
CRMS (nF)
OUTPUT NOISE (V p-p)
RISE TIME (µs)
FALL TIME (µs)
Figure 50. Output Noise, Rise and Fall Times vs. CRMS Capacitance,
Single-Carrier W-CDMA (TM1-64) at 2.14 GHz with PIN = 0 dBm
Figure 50 also shows how the response time is affected by the
value of CRMS. To measure this, an RF burst at 2.14 GHz at 0 dBm
was applied to the ADL5906. The 10% to 90% rise time and
90% to 10% fall time were then measured.
C9
0.1µF
(SEE TEXT)
(AND TABLE)
R9
(SEE TEXT)
(AND TABLE)
X2
BIAS AND POWER
DOWN CONTROL
1
NIC
ITGT
LINEAR-IN-dB VGA
(NEGATIVE SLOPE)
ISQR
26pF
2
VPOS1
VPOS2
3
GND1
VREF
VTGT
GND2
4
11
10
9
5
CRMS
6
VRMS
VRMS
7
VSET
8
16
15
14
13
VTEMP
NIC
RFIN–
RFIN+
NIC
EPAD
ADL5906
12
X2
VREF
2.3V
TEMPERATURE
SENSOR
G = 5
R3
60.4Ω
C10
10nF
RFIN
C12
10nF
R12
R11
2kΩ
R10
3.74kΩ
+5V
C3
0.1µF
C4
100pF
C7
0.1µF
C5
100pF
+5V
TADJ/
PWDN
Figure 51. Basic Connections for Operation in Measurement Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com