Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906ACPZN-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5906ACPZN-R7
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906ACPZN-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5906ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL5906ACPZN-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADL5906
Data Sheet
Rev. 0 | Page 14 of 32
0
20
40
60
80
100
120
140
160
180
200
220
240
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 33. Noise Spectral Density of VRMS, PIN = −10 dBm, −35 dBm, and
−60 dBm (No Change in NSD vs. PIN), CRMS = 0.1 µF
–5
–4
–3
–2
–1
0
1
2
3
4
5
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Figure 34. VTEMP and Linearity Error with Respect to Straight Line vs.
Temperature for Typical Device
1.32
1.34
1.36
1.38
1.40
1.42
1.44
1000
800
600
400
200
0
VTEMP VOLTAGE (V)
REPRESENTS 4500 PARTS
Figure 35. Distribution of VTEMP at 25°C, No RF Input
–40
–30
–20
–10
0
10
20
30
40
–55
–35
–15
5
25
45
65
85
105
125
TEMPERATURE (°C)
Figure 36. Change in VREF vs. Temperature with Respect to 25°C,
PIN = −40 dBm
1000
800
600
400
200
0
2.25
2.26
2.27
2.28
2.29
2.30
2.31
2.32
VREF BIAS VOLTAGE (V)
REPRESENTS 4500 PARTS
Figure 37. Distribution of VREF at 25°C, No RF Input
0.1
1
10
100
1.20
1.25
1.30
1.35
1.40
1.45
VPWDN (V)
VPWDN
INCREASING
VPWDN
DECREASING
Figure 38. Supply Current vs. VPWDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com