Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906SCPZN-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5906SCPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906SCPZN-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5906SCPZN-R2 Datasheet HTML 4Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 5Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 6Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 7Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 8Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 9Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 10Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 11Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADL5906
Data Sheet
Rev. 0 | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NOTES
1. NIC = NO INTERNAL CONNECTION. DO NOT
CONNECT TO THIS PIN.
2. THE EXPOSED PAD REQUIRES A GOOD THERMAL
AND ELECTRICAL CONNECTION TO THE GROUND
OF THE PRINTED CIRCUIT BOARD (PCB).
1
TADJ/PWDN
2
NIC
3
VPOS1
4
GND1
11 VREF
12 VTGT
10 VPOS2
9
GND2
TOP VIEW
(Not to Scale)
ADL5906
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
TADJ/PWDN
Temperature Compensation/Shutdown. This is a dual function pin used for controlling temperature slope
compensation at voltages <1.0 V and/or for shutting down the device at voltages >1.4 V. The temperature
compensation voltage is generally set by connecting this pin to VREF through a resistive voltage divider (see
the Setting VTADJ section for additional information). See Figure 46 for an equivalent circuit.
2, 13, 16
NIC
No Internal Connection. Do not connect to these pins. These pins are not internally connected.
3, 10
VPOS1,
VPOS2
Power Supply. Because these pins are internally shorted, they must be connected to the same 5 V power
supply. The power supply to each pin must also be decoupled using 100 pF and 100 nF capacitors located as
close as possible to the pins.
4, 9
GND1, GND2
Ground. Connect both GND1 and GND2 to system ground using a low impedance path.
5
CRMS
RMS Averaging Capacitor. Connect an rms averaging capacitor between CRMS and ground. See the Choosing
a Value for CRMS section for more information. See Figure 48 for an equivalent circuit.
6
VRMS
RMS Output. In measurement mode, this pin is connected to VSET either directly or through a resistor divider
(when the slope is being increased). In controller mode, this pin is used to drive the gain control input of a
voltage variable attenuator (VVA) or variable gain amplifier (VGA). See Figure 48 for an equivalent circuit.
7
VSET
Setpoint Input. In measurement mode, this pin is connected to VRMS either directly or through a resistor
divider. In controller mode, the voltage applied to this pin sets the decibel value of the required RF input level to
balance the automatic power control loop. See Figure 47 for an equivalent circuit.
8
VTEMP
Temperature Sensor Output of 1.4 V at 25°C with a Coefficient of 4.8 mV/°C. See Figure 43 for an equivalent circuit.
11
VREF
Reference Voltage Output. This voltage reference has a nominal value of 2.3 V. This reference output voltage
can be used to set the voltage to the TADJ/PWDN and VTGT pins. See Figure 44 for an equivalent circuit.
12
VTGT
RMS Target Voltage. The voltage applied to this pin sets the target RF input at the output of the VGA that is also the
rms squaring circuit. The recommended voltage for VTGT is 0.8 V. Increasing VTGT above 0.8 V degrades the rms
accuracy of the ADL5906. Reducing VTGT below 0.8 V can improve the rms accuracy for signals with very high crest
factors; however, it reduces the detection range of the ADL5906. See Figure 49 for an equivalent circuit.
14, 15
RFIN+, RFIN−
RF Inputs. The RF inputs are normally applied single-ended with the RF input signal ac-coupled to RFIN+ and
RFIN− ac-coupled to ground. See Figure 42 for an equivalent circuit.
EPAD
The exposed pad on the underside of the device (EPAD) is also internally connected to ground and requires a
good thermal and electrical connection to the ground of the printed circuit board (PCB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com