Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5906SCPZN-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5906SCPZN-R2
Description  10 MHz to 10 GHz 67 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5906SCPZN-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5906SCPZN-R2 Datasheet HTML 15Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 16Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 17Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 18Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 19Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 20Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 21Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 22Page - Analog Devices ADL5906SCPZN-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADL5906
Rev. 0 | Page 19 of 32
POWER-DOWN INTERFACE
Figure 46 shows a simplified schematic representation of the
TADJ/PWDN interface.
The quiescent and power-down currents for the ADL5906 at
25°C are approximately 68 mA and 250 µA, respectively. The
dual function TADJ/PWDN pin is connected to the temperature
compensation circuit as well as the power-down circuit. The
temperature compensation circuit responds only to voltages
between 0 V and 1 V. When the voltage on this pin is greater than
~1.4 V, the device is fully powered down. Figure 38 shows this
characteristic as a function of VPWDN. The TADJ/PWDN pin with
an internal 70 kΩ resistor to ground sinks approximately 26 µA
at 1.8 V, 47 µA at 3.3 V, and 72 µA at 5 V. The source used to disable
the ADL5906 must have a sufficiently high current capability for
this reason. Figure 31 shows the typical response times for various
RF input levels. The output reaches within 1 dB of its steady state
value in approximately 12 µs for CRMS = 1 nF; however, the reference
voltage is available to full accuracy in a much shorter time. This
wake-up response varies depending on the input coupling and
the value of CRMS.
TEMPERATURE
COMPENSATION
CIRCUIT
ESD
ESD
TADJ/
PWDN
VPOS
GND
TADJ
MAXIMUM
OPERATING
VOLTAGE = 1V
ESD
50k
Ω
PWD = PWDN ×
LOGIC
THRESHOLD
~1V ± 0.1V
LOGIC
THRESHOLD
~1.3V ± 0.1V
5
7
20k
Ω
1k
Ω
1k
Ω
70k
Ω
SHUTDOWN
CIRCUIT
Figure 46. TADJ/PWDN Interface Simplified Schematic
VSET INTERFACE
The VSET interface has a high input impedance of 72 kΩ. The
voltage at VSET is converted to an internal current used to set the
internal VGA gain. The VGA attenuation control is approximately
18 dB/V.
GND
1kΩ
9kΩ
VSET
63k
Ω
GAIN ADJUST
Figure 47. VSET Interface Simplified Schematic
OUTPUT INTERFACE
The ADL5906 incorporates rail-to-rail output drivers with pull-up
and pull-down capabilities. The level shift circuitry and the output
amplifier are very fast compared to the typical rms response
required by a complex waveform. In essence, the output stage from
the CRMS pin to the VRMS output is only a dc signal because
by definition VRMS is supposed to be a single rms value. The
VRMS pin can source and sink up to 10 mA.
LEVEL
SHIFT
CIRCUITRY
ESD
CRMS
VRMS
ESD
VPOS
GND
ESD
CRMS
EXTERNAL
26pF
~2.1V DC BIAS
ITGT
ISQR
2k
Ω
500
Ω
Figure 48. VRMS Interface Simplified Schematic
VTGT INTERFACE
The target voltage can be set with an external source or by
connecting the VREF pin (nominally 2.3 V) to the VTGT pin
through a resistive voltage divider. With 0.8 V on the VTGT pin,
the rms voltage that must be provided by the VGA to balance
the AGC feedback loop is 0.8 V × 0.05 = 40 mV rms. Most of
the characterization information in this data sheet was collected
at VTGT = 0.8 V. Voltages higher and lower than this can be used;
however, doing so increases or decreases the gain at the internal
squaring cell, which results in a corresponding increase or decrease
in intercept. This, in turn, affects the sensitivity and the usable
measurement range, in addition to the sensitivity to different
carrier modulation schemes. As VTGT decreases, the squaring
circuits produce more noise; this becomes noticeable in the output
response at low input signal amplitudes. As VTGT increases,
measurement error due to modulation increases, and temperature
drift tends to decrease. The chosen VTGT value of 0.8 V represents a
compromise between these characteristics.
VTGT
50
kΩ
50
kΩ
20
kΩ
ESD
ESD
ESD
VPOS
GND
ITGT
g × X2
Figure 49. VTGT Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com